Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 43 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 43 Page - ams AG

Back Button AS3668 Datasheet HTML 39Page - ams AG AS3668 Datasheet HTML 40Page - ams AG AS3668 Datasheet HTML 41Page - ams AG AS3668 Datasheet HTML 42Page - ams AG AS3668 Datasheet HTML 43Page - ams AG AS3668 Datasheet HTML 44Page - ams AG AS3668 Datasheet HTML 45Page - ams AG AS3668 Datasheet HTML 46Page - ams AG AS3668 Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
www.austriamicrosystems.com/AS3668
Revision 1.11
43 - 60
AS3668
Data Sheet - D e t a i l e d D e s c r i p t i o n
Table 41. Pattern Start Control Register
0x1b Pattern Start Control Register
Bit
Bit Name
Default
Access
Bit Description
2
pattern_phase_out
0
R/W
The bit defines the way how a pattern is being stopped when the
pattern_enable register is cleared. If the bit is set to 0 and the
pattern_enable register is cleared the running pattern stops immediately. If
the bit is set to 1 and the pattern_enable is cleared the pattern finishes the
running frame and stops afterwards.
0: Stop pattern immediately
1: Phase-out pattern
1
pattern_enable
0
W
Starts the pattern generation on current sources.
0: Pattern generation off
1: Start of pattern generation
0
pattern_start_src
1
R/W
Selects the input source to trigger the pattern generation start.
0: Pattern enable by software bit
1: pattern enable by GPIO/AUDIO_IN
Table 42. Pattern Frame Start Delay Register
0x1c Pattern Frame Start Delay Register
Bit
Bit Name
Default
Access
Bit Description
7:6
frame_delay4
0
R/W
Defines the start delay of CURR4 in pattern generation mode. Note that
changes in this register are only getting active after a restart of the pattern
generation unit by toggling the pattern_enable bit.
00: No start delay for CURR4
01: 1 frame start delay for CURR4
10: 2 frames start delay for CURR4
11: 3 frames start delay for CURR4
5:4
frame_delay3
0
R/W
Defines the start delay of CURR3 in pattern generation mode. Note that
changes in this register are only getting active after a restart of the pattern
generation unit by toggling the pattern_enable bit.
00: No start delay for CURR3
01: 1 frame start delay for CURR3
10: 2 frames start delay for CURR3
11: 3 frames start delay for CURR3
3:2
frame_delay2
0
R/W
Defines the start delay of CURR2 in pattern generation mode. Note that
changes in this register are only getting active after a restart of the pattern
generation unit by toggling the pattern_enable bit.
00: No start delay for CURR2
01: 1 frame start delay for CURR2
10: 2 frames start delay for CURR2
11: 3 frames start delay for CURR2
1:0
frame_delay1
0
R/W
Defines the start delay of CURR1 in pattern generation mode. Note that
changes in this register are only getting active after a restart of the pattern
generation unit by toggling the pattern_enable bit.
00: No start delay for CURR1
01: 1 frame start delay for CURR1
10: 2 frames start delay for CURR1
11: 3 frames start delay for CURR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com