Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 33 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 33 Page - ams AG

Back Button AS3668 Datasheet HTML 29Page - ams AG AS3668 Datasheet HTML 30Page - ams AG AS3668 Datasheet HTML 31Page - ams AG AS3668 Datasheet HTML 32Page - ams AG AS3668 Datasheet HTML 33Page - ams AG AS3668 Datasheet HTML 34Page - ams AG AS3668 Datasheet HTML 35Page - ams AG AS3668 Datasheet HTML 36Page - ams AG AS3668 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
www.austriamicrosystems.com/AS3668
Revision 1.11
33 - 60
AS3668
Data Sheet - D e t a i l e d D e s c r i p t i o n
Table 30. Audio Control Register
0x42 Audio Control Register
Bit
Bit Name
Default
Access
Bit Description
7
audio_input_pin
0
R/W
This bit enables pin GPIO/AUDIO_IN or CURR4 pin to be configured as
audio input pin for audio playback synchronization of the current sources.
0: GPIO/AUDIO_IN selected for audio synchronization
1: CURR4 pin selected for audio synchronization
6
pld_off
0
R/W
This bit defines if the internal pull down resistor of GPIO/AUDIO_IN pin is
enabled or disabled. If the audio mode is enabled the internal pull down is
automatically disabled
0: Pull down resistor enabled if register aud_buf_on is set to ‘0’
1: Pull down resistor disabled
5
adc_characteristic
0
R/W
Defines the ADC characteristic of the ADC for general purpose ADC
measurements depending on the selected ADC characteristics in register
adc_mode.
00: x*250mV (adc_mode = 0)
01: x*50mV (adc_mode = 0)
00: 75mV*2
x
(adc_mode = 0 or adc_mode = 1)
4:3
audio_decay
0
R/W
Defines the audio decay time.
00: 10ms
01: 20ms
10: 40ms
11: 80ms
2:0
audiosync_mode
0
R/W
In this register it is possible to select between different audio synchronization
modes of the current sources in order to create different lighting effects.
000: 4 LED bar code
001: 4 LED bar code with dimming
010: Running LED bar code
011: Running LED bar code with dimming
100: RGB
101: RGB with dimming
110: 4 LED parallel with dimming
111: Do not use
Table 31. Audio Output Register
0x43 Audio Output Register
Bit
Bit Name
Default
Access
Bit Description
3
curr4_aud_en
0
R/W
This register allows the user to select between normal control (e.g. PWM
pattern control) and audio synchronization mode of current source CURR4 .
0: CURR4 normal function
1: CURR4 audio synchronization mode
2
curr3_aud_en
0
R/W
This register allows the user to select between normal control (e.g. PWM
pattern control) and audio synchronization mode of current source CURR3 .
0: CURR3 normal function
1: CURR3 audio synchronization mode
1
curr2_aud_en
0
R/W
This register allows the user to select between normal control (e.g. PWM
pattern control) and audio synchronization mode of current source CURR2 .
0: CURR2 normal function
1: CURR2 audio synchronization mode
0
curr1_aud_en
0
R/W
This register allows the user to select between normal control (e.g. PWM
pattern control) and audio synchronization mode of current source CURR1 .
0: CURR1 normal function
1: CURR1 audio synchronization mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com