Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 16 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 16 Page - ams AG

Back Button AS3668 Datasheet HTML 12Page - ams AG AS3668 Datasheet HTML 13Page - ams AG AS3668 Datasheet HTML 14Page - ams AG AS3668 Datasheet HTML 15Page - ams AG AS3668 Datasheet HTML 16Page - ams AG AS3668 Datasheet HTML 17Page - ams AG AS3668 Datasheet HTML 18Page - ams AG AS3668 Datasheet HTML 19Page - ams AG AS3668 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
www.austriamicrosystems.com/AS3668
Revision 1.11
16 - 60
AS3668
Data Sheet - D e t a i l e d D e s c r i p t i o n
8.1.4
Charge Pump Control Register .
8.2 Current Sources
The AS3668 features four general purpose current sources. All current sources and be controlled independently from each other and share
internally the same power supply VCP.
Table 7. Reg Control Register
0x00 Reg Control register
Bit
Bit Name
Default
Access
Bit Description
2
cp_on
0
R/W
This bit enables the charge pump for operation if at lease one current source
is enabled and the current source has a low voltage condition. Once the
charge pump is running it will be keep on even if all current sources are
switched off.
0: Chargepump off
1: Charge Pump on
Table 8. CP Control Register
0x23 Current Control Register
Bit
Bit Name
Default
Access
Bit Description
6
cp_auto_on
1
R/W
This bit enables the charge pump for operation. Once at last one current
source is enabled and minimum one current source has a low voltage
condition the charge pump is switched on. If all current sources are switched
off again the charge will also switch of automatically.
0: Chargepump off
1: Chargepump on in automatic mode
5
cp_start_debounce
0
R/W
Selects the startup debounce time of the charge pump
0: 32ms debounce time.
1: 240 s debounce time
4
cp_mode_switching
0
R/W
Allows the user to select between automatic mode switching or manual
mode switching of the charge pump. If the bit is set, the user can change
register cp_mode in order to select 1:1 mode or 1:2 mode of the charge
pump.
0: Automatic CP Mode Switching
1: Manual CP Mode Switching using register cp_mode
2
cp_mode
0
R/W
Selects the charge pump operating mode if register cp_mode_switching is
set to 1. Reading the register return the mode in which the charge pump is
operating, either 1:1 or 1:2 mode.
0: 1:1 mode
1: 1:2 mode
0
cp_clk
0
R/W
Selects the charge pump clock frequency.
0: 1Mhz
1: 500kHz
Table 9. Current Sink Function Overview
Current Sink
Max. Voltage
(V)
Max. Current
(mA)
Resolution
Software Current
Control
Hardware On/Off Control
(Bits)
(mA)
CURR1
5.5
25.5
8
0.1
Separate for each
current source
Internal PWM; external
PWM at GPIO/AUDIO_IN,
Pattern generator
CURR2
CURR3
CURR4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com