Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 18 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 18 Page - ams AG

Back Button AS3668 Datasheet HTML 14Page - ams AG AS3668 Datasheet HTML 15Page - ams AG AS3668 Datasheet HTML 16Page - ams AG AS3668 Datasheet HTML 17Page - ams AG AS3668 Datasheet HTML 18Page - ams AG AS3668 Datasheet HTML 19Page - ams AG AS3668 Datasheet HTML 20Page - ams AG AS3668 Datasheet HTML 21Page - ams AG AS3668 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
www.austriamicrosystems.com/AS3668
Revision 1.11
18 - 60
AS3668
Data Sheet - D e t a i l e d D e s c r i p t i o n
8.2.2
Current Source Registers .
Table 11. Current Control Register
0x01 Current Control Register
Bit
Bit Name
Default
Access
Bit Description
7:6
curr4_mode
0
R/W
00: Current Source CURR4 is in off mode
01: Current Source CURR4 is in on mode
10: Current source CURR4 is in PWM control mode
11: Current source CURR4 is in LED pattern generation mode
5:4
curr3_mode
0
R/W
00: Current Source CURR3 is in off mode
01: Current Source CURR3 is in on mode
10: Current source CURR3 is in PWM control mode
11: Current source CURR3 is in LED pattern generation mode
3:2
curr2_mode
0
R/W
00: Current Source CURR2 is in off mode
01: Current Source CURR2 is in on mode
10: Current source CURR2 is in PWM control mode
11: Current source CURR2 is in LED pattern generation mode
1:0
curr1_mode
3
R/W
00: Current Source CURR1 is in off mode
01: Current Source CURR1 is in on mode
10: Current source CURR1 is in PWM control mode
11: Current source CURR1 is in LED pattern generation mode
Table 12. Current Source Register LED1
0x02 Current Control Register
Bit
Bit Name
Default
Access
Bit Description
7:0
curr1_current
0x40
R/W
0000 0000: 0mA current output from source CURR1
0000 0001: 0.1mA current output from source CURR1
0000 0010: 0.2mA current output from source CURR1
0000 0011: 0.3mA current output from source CURR1
...
1111 1111: 25.5mA current output from source CURR1
Table 13. Current Control Register LED2
0x03 Current Control Register
Bit
Bit Name
Default
Access
Bit Description
7:0
curr2_current
0
R/W
0000 0000: 0mA current output from source CURR2
0000 0001: 0.1mA current output from source CURR2
0000 0010: 0.2mA current output from source CURR2
0000 0011: 0.3mA current output from source CURR2
...
1111 1111: 25.5mA current output from source CURR2
Table 14. Current Control Register CURR3
0x04 Current Control Register
Bit
Bit Name
Default
Access
Bit Description
7:0
curr3_current
0
R/W
0000 0000: 0mA current output from source CURR3
0000 0001: 0.1mA current output from source CURR3
0000 0010: 0.2mA current output from source CURR3
0000 0011: 0.3mA current output from source CURR3
...
1111 1111: 25.5mA current output from source CURR3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com