Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 1 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 1 Page - ams AG

  AS3668 Datasheet HTML 1Page - ams AG AS3668 Datasheet HTML 2Page - ams AG AS3668 Datasheet HTML 3Page - ams AG AS3668 Datasheet HTML 4Page - ams AG AS3668 Datasheet HTML 5Page - ams AG AS3668 Datasheet HTML 6Page - ams AG AS3668 Datasheet HTML 7Page - ams AG AS3668 Datasheet HTML 8Page - ams AG AS3668 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
A S 3 6 6 8
4 C h a n n e l B r e a t h l i g h t C o n t r o l l e r
www.austriamicrosystems.com/AS3668
Revision 1.11
1 - 60
D a t a S h e e t
1 General Description
The AS3668 is a 4-channel LED driver designed to produce lighting
effects for portable devices. A highly efficient charge pump enables
LED driving over full Li-Ion battery voltage range. The device is
equipped with an internal program memory, which allows control of
LED patterns even without processor control. This helps the whole
system to save power and extend for example battery life time in
every mobile application. The AS3668 maintains excellent efficiency
over a wide operating range by automatically selecting the best
charge pump gain based on the LED forward voltage requirements
and the device input voltage.
Furthermore the chip supports an automatic power-save mode which
gets active when LED outputs are not active. The special power-
save mode has a extremely low current consumption below 10 A
(typ.).the AS3668 has an I2C-compatible control interface which
supports two slave address without having a dedicated address
selection pin. For fancy lighting effects synchronized with an audio
signal the device supports special digital filter modes in order to
make music literally visible on the 4 independent configurable
current sources.
The AS3668 is available in a very tiny 12-pin WL-CSP
(1.255x1.680mm) 0.4mm pitch package.
Figure 1. AS3668 Block Diagram
2 Key Features
High efficiency capacitive 60mA charge pump with 1:1 and 1:2
mode
Automatic mode switching for charge pump
Automatic Pattern Mode without digital control
Highly accurate 4 Channel High Side 25.5mA current sources
Audio Controlled Lighting with internal digital filters
Charge Pump with soft start and overcurrent/short circuit pro-
tection
Integrated “easy to use” pattern generator for breathlight LED
function with logarithmic dimming
Small application circuit
Minimum number of external components
Available in 12-pin WL-CSP (1.255x1.680mm) with 0.4mm pitch
3 Applications
The product is perfect for Mobilephones, MP3 Player, Portable
Navigation Devices, Digital Cameras, USB Dongles/Modems, Game
Controllers and can be used for fun and indicator lights, backlighting
and as programmable current sources.


Similar Part No. - AS3668

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3668 AMSCO-AS3668 Datasheet
1Mb / 59P
4 Channel Breathlight Controller
AS3668-BWLT AMSCO-AS3668-BWLT Datasheet
1Mb / 59P
4 Channel Breathlight Controller
AS3668 AMSCO-AS3668_07 Datasheet
1Mb / 59P
4 Channel Breathlight Controller
More results

Similar Description - AS3668

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1390A AMSCO-AS1390A Datasheet
1Mb / 21P
High Power Boost Cont rol ler and Buck Conver ter for LED Backl ight
logo
Infineon Technologies A...
ICL8201 INFINEON-ICL8201_15 Datasheet
1Mb / 40P
AC/DC Buck Cont rol ler wi th PFC for LED Lamps
Revision V2.0 2015-05-25
logo
ams AG
AS3833 AMSCO-AS3833 Datasheet
1Mb / 21P
6 channel high-precision LED cont rol ler for 3D-LCD backl ight with integrated step-up cont rol ler
AS3834 AMSCO-AS3834 Datasheet
1Mb / 21P
4 channel high-precision LED cont rol ler for 3D-LCD backl ight wi th
logo
Infineon Technologies A...
ICE3AR4780VJZ INFINEON-ICE3AR4780VJZ Datasheet
1Mb / 43P
Of f -Line SMPS Cur rent Mode Cont rol ler with integrated 800V
V2.1 2013-10-22
ICE3AR2280VJZ INFINEON-ICE3AR2280VJZ Datasheet
1Mb / 43P
Of f -Line SMPS Cur rent Mode Cont rol ler wi th integrated 800V
V2.1 2013-10-22
ICE3AR1580VJZ INFINEON-ICE3AR1580VJZ Datasheet
1Mb / 43P
Of f -Line SMPS Cur rent Mode Cont rol ler wi th integrated 800V
V2.0 2014-01-20
ICE3AR1080VJZ INFINEON-ICE3AR1080VJZ Datasheet
1Mb / 43P
Of f -Line SMPS Cur rent Mode Cont rol ler wi th integrated 800V
V2.0 2014-01-20
ICE3AR0680VJZ INFINEON-ICE3AR0680VJZ Datasheet
1Mb / 43P
Of f -Line SMPS Cur rent Mode Cont rol ler wi th integrated 800V
V2.1 2013-10-22
ICE3AR0680JZ INFINEON-ICE3AR0680JZ Datasheet
2Mb / 34P
Of f -Line SMPS Cur rent Mode Cont rol ler wi th integrated 800V
Version 2.1a, 11 Jan 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com