Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 41 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 41 Page - ams AG

Back Button AS3668 Datasheet HTML 37Page - ams AG AS3668 Datasheet HTML 38Page - ams AG AS3668 Datasheet HTML 39Page - ams AG AS3668 Datasheet HTML 40Page - ams AG AS3668 Datasheet HTML 41Page - ams AG AS3668 Datasheet HTML 42Page - ams AG AS3668 Datasheet HTML 43Page - ams AG AS3668 Datasheet HTML 44Page - ams AG AS3668 Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
www.austriamicrosystems.com/AS3668
Revision 1.11
41 - 60
AS3668
Data Sheet - D e t a i l e d D e s c r i p t i o n
0
dim_curr1
0
R
A register read of this register reflects the status of current source CURR1. If
the register returns 0, the current source is switched off. If the register
returns 1, the current source is switch on with the current defined in register
curr1_current.
0: Current Source CURR1 is switched off
1: Current Source CURR1 is switched on
W
A write to this register defines the target value for CURR1. If 0 is written to
this register CURR1 is switched off or dimmed down depending on register
start_dim. If 1 is written to this register CURR1 is switched on or dimmed up
depending on register start_dim. Mind that this setting is only effective if
CURR1 is configured to PWM mode in register curr1_mode.
0: Target value of CURR1 for dimming down or direct control
1: Target value of CURR1 for dimming up or direct control
Table 38. Pattern Timing Register
0x18 Pattern Timing Register
Bit
Bit Name
Default
Access
Bit Description
5:3
pattern_toff
0x03
R/W
These bits define the value of the parameter toff_CURR. It defines the off
time of CURR1, CURR2, CURR3 and CURR4 in pattern generation mode.
The same value is used for all four current sources in parallel.
000: 0.08s
001: 0.15s
010: 0.28s
011: 0.54s
100: 1.1s
101: 2.1s
110: 4.2s
111: 8.4s
2:0
pattern_ton
0
R/W
These bits define the value of the parameter ton_CURR. It defines the on
time of CURR1, CURR2, CURR3 and CURR4 in pattern generation mode.
The same value is used for all four current sources in parallel.
000: 0.04s
001: 0.07s
010: 0.14s
011: 0.27s
100: 0.53s
101: 1.1s
110: 2.1s
111: 4.2s
Table 37. PWM Trigger Register
0x17 PWM Trigger Register
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com