Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 49 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 49 Page - ams AG

Back Button AS3668 Datasheet HTML 45Page - ams AG AS3668 Datasheet HTML 46Page - ams AG AS3668 Datasheet HTML 47Page - ams AG AS3668 Datasheet HTML 48Page - ams AG AS3668 Datasheet HTML 49Page - ams AG AS3668 Datasheet HTML 50Page - ams AG AS3668 Datasheet HTML 51Page - ams AG AS3668 Datasheet HTML 52Page - ams AG AS3668 Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
www.austriamicrosystems.com/AS3668
Revision 1.11
49 - 60
AS3668
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Table 46. Code Example Dual Pulse Pattern Example
10.1.3 RGB LED Pattern
In this example we would like to demonstrate how to use an RGB LED which is connected to CURR1, CURR2 and CURR3.
Figure 51. RGB Pulse Pattern Example
With the timing example above you get a mixture of red, green and blue color. Table 43 below shows how to configure the device to get the
pattern shown in Figure 51.
Table 47. Code Example RGB Pulse Pattern
Register Name
Address
Write Value
Comments
CurrX Control
0x01
0x03
Enable CURR1 for pattern generation mode. Other
current sources are off
CURR1 Current
0x02
0xFF
Set the output current of CURR1 to 25,5mA.
PWM Timing
0x16
0x11
Define Rise/Fall time with 0,12s
Pattern Timing
0x18
0x30
Define 0,04s on time and 4,2s off time
Multiple Pulse
0x19
0x41
Define 2 pulses and 150ms pause time
Start Control
0x1B
0x02
Start breathlight pattern
Register Name
Address
Write Value
Comments
CurrX Control
0x01
0x3F
Enable CURR1, CURR2 and CURR3 for pattern
generation mode. CURR4 is in off mode.
CURR1 Current
0x02
0x4F
Set the output current of CURR1 to 7,9mA.
CURR2 Current
0x03
0xC8
Set the output current of CURR2 to 20mA.
CURR3 Current
0x04
0xB6
Set the output current of CURR3 to 18,2mA.
PWM Timing
0x16
0x88
Define Rise/Fall time with 2.1s
Pattern Timing
0x18
0x25
Define 1,1s on time and 1,1s off time
Multiple Pulse
0x19
0x00
Define single pulse mode
Start Control
0x1B
0x02
Start breathlight pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com