Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 11 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 11 Page - ams AG

Back Button AS3668 Datasheet HTML 7Page - ams AG AS3668 Datasheet HTML 8Page - ams AG AS3668 Datasheet HTML 9Page - ams AG AS3668 Datasheet HTML 10Page - ams AG AS3668 Datasheet HTML 11Page - ams AG AS3668 Datasheet HTML 12Page - ams AG AS3668 Datasheet HTML 13Page - ams AG AS3668 Datasheet HTML 14Page - ams AG AS3668 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
www.austriamicrosystems.com/AS3668
Revision 1.11
11 - 60
AS3668 2V0
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VBAT = 3.6V, CBAT = CVCPOUT = 1µF, CFLY = 470nF, TAMB = -30ºC to +85ºC, typical values @ TAMB = +25ºC (unless
otherwise specified)
.
Figure 4. Off Mode Current vs. VBAT
Figure 5. CURRx linearity (0mA - 25.5mA) vs. Code
0
0,2
0,4
2,7
3,1
3,5
3,9
4,3
4,7
5,1
5,5
V
BAT [V]
Off Mode Current
0
5
10
15
20
25
0
100
200
Register CURRx current [DEC]
Figure 6. Output Voltage vs. load current (1:1, 4.2V,3,6V, 3,3V) L
Figure 7. Output voltage. vs. load current (1:2, 4.2V,3,6V, 3,3V)
0
1
2
3
4
5
0
10
20
30
40
50
I
LOAD [mA]
VBAT = 3.6V
VBAT = 3.3V
VBAT = 4.2V
5
5,1
5,2
5,3
0
10
20
30
40
50
I
LOAD [mA]
VBAT = 3.6V
VBAT = 3.3V
VBAT = 4.2V
Figure 8. CP Efficiency vs.VBAT in 1:2 MODE(10mA,30mA,60mA)
Figure 9. CP Efficiency vs. VBAT in 1:1 Mode(10mA,30mA,60mA)
0
10
20
30
40
50
60
70
80
90
100
2,7
3,1
3,5
3,9
4,3
V
BAT [V]
60mA Load
30mA Load
10mA Load
0
10
20
30
40
50
60
70
80
90
100
2,7
3,1
3,5
3,9
4,3
V
BAT [V]
60mA Load
30mA Load
10mA Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com