Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 24 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 24 Page - ams AG

Back Button AS3668 Datasheet HTML 20Page - ams AG AS3668 Datasheet HTML 21Page - ams AG AS3668 Datasheet HTML 22Page - ams AG AS3668 Datasheet HTML 23Page - ams AG AS3668 Datasheet HTML 24Page - ams AG AS3668 Datasheet HTML 25Page - ams AG AS3668 Datasheet HTML 26Page - ams AG AS3668 Datasheet HTML 27Page - ams AG AS3668 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
www.austriamicrosystems.com/AS3668
Revision 1.11
24 - 60
AS3668
Data Sheet - D e t a i l e d D e s c r i p t i o n
8.6.1
I²C Device Address Byte
The address byte (see Figure 30) is the first byte received following the START condition from the master device. The 7 bit device address is
0x42.
Figure 30. I²C Device Address Byte
- Bit 1 and bit 2 of the address byte are defined by the external bus connection of the slave to the master shown in chapter 8.6.3. A maxi-
mum of two devices can be connected in parallel on the same bus at one time.
- The last bit of the address byte (R/W) define the operation to be performed. When set to a 1 a read operation is selected; when set to a 0
a write operation is selected.
Following the START condition, the AS3668 monitors the I²C bus, checking the device type identifier being transmitted. Upon receiving the
address code, and the R/W bit, the slave device outputs an acknowledge signal on the SDA line.
8.6.2
Command Byte
The AS3668 operation, (see Table 29 on page 23) is determined by a command byte (see Table 31).
Figure 31. Command Byte
Figure 32. Command and Single Data Byte received by AS3668
Figure 33. Setting the Pointer to a Address Register to select a Data Register for a Read Operation
1
0
0
0
0
AD1
AD0
R/W
MSB
6
5
4
3
2
1
LSB
address:
A7
A6
A5
A4
A3
A2
A1
A0
MSB
6
5
4
3
2
1
LSB
From Master to Slave
From Slave to Master
A
A
P
A
S
Command Byte
Data Byte
Slave Address
A6
A5
A4
A3
A2
A1
A0
A7
D6
D5
D4
D3
D2
D1
D0
D7
Acknowledge
from AS3668
0
0
0
Acknowledge
from AS3668
Acknowledge
from AS3668
R/W
0
AS3668 Registers
Autoincrement
Memory Word
Address
1 Byte
From Master to Slave
From Slave to Master
A
P
A
S
Command Byte
Slave Address
A6
A5
A4
A3
A2
A1
A0
A7
0
0
Acknowledge
from AS3668
Acknowledge
from AS3668
R/W
0
AS3668 Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com