Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3668 Datasheet(PDF) 51 Page - ams AG

Part # AS3668
Description  4 Channel Breathl ight Cont rol ler
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3668 Datasheet(HTML) 51 Page - ams AG

Back Button AS3668 Datasheet HTML 47Page - ams AG AS3668 Datasheet HTML 48Page - ams AG AS3668 Datasheet HTML 49Page - ams AG AS3668 Datasheet HTML 50Page - ams AG AS3668 Datasheet HTML 51Page - ams AG AS3668 Datasheet HTML 52Page - ams AG AS3668 Datasheet HTML 53Page - ams AG AS3668 Datasheet HTML 54Page - ams AG AS3668 Datasheet HTML 55Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
www.austriamicrosystems.com/AS3668
Revision 1.11
51 - 60
AS3668
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Table 49. Code Example Down-Dimming
Register Name
Address
Write Value
Comments
CurrX Control
0x01
0xAA
Enable CURR1, CURR2, CURR3 and CURR4 for On mode.
CURR1 Current
0x02
0x64
Set the output current of CURR1 to 10mA.
CURR2 Current
0x03
0x64
Set the output current of CURR2 to 10mA.
CURR3 Current
0x04
0x64
Set the output current of CURR3 to 10mA.
CURR4 Current
0x05
0x64
Set the output current of CURR4 to 10mA.
PWM Trigger
0x17
0x0F
Enable CURR1, CURR2, CURR3 and CURR4 for PWM mode.
All four current sources keep switched on when we
change from On Mode to PWM Mode.
PWM Timing
0x16
0x77
Define dimming time with 1.6s
PWM Trigger
0x17
0x10
Start down-dimming of all current sources with 1.7s
dimming time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com