Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 119 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 119 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 123Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
119
The default GPIO settings for configuration mode 01 are shown below in Table 66.
GPIO PIN
POWER
DOMAIN
DEFAULT GPIO
FUNCTION
DEFAULT
DIRECTION
DEFAULT PULL-UP /
PULL-DOWN
DEFAULT
DE-BOUNCE
GPIO0
VRTC
GP0_FN [3:0] = 0000
GPIO
GP0_DIR = 1
GP0_CFG =1
Input, Active High
GP0_PD=0
GP0_PU=0
Normal Mode
GP0_DB = 1
Debounce enabled
GPIO1
VRTC
GP1_FN [3:0] = 0000
GPIO
GP1_DIR = 1
GP1_CFG =1
Input, Active High
GP1_PD=0
GP1_PU=0
Normal Mode
GP1_DB = 1
Debounce enabled
GPIO2
VRTC
GP2_FN [3:0] = 0011
32KHZ
GP2_DIR = 0
GP2_CFG =1
Output, Open Drain
GP2_PD=0
GP2_PU=0
Normal Mode
GP2_DB = 1
Debounce enabled
GPIO3
VRTC
GP3_FN [3:0] = 0000
GPIO
GP3_DIR = 1
GP3_CFG =1
Input, Active High
GP3_PD=0
GP3_PU=0
Normal Mode
GP3_DB = 1
Debounce enabled
GPIO4
DBVDD
GP4_FN [3:0] = 0000
GPIO
GP4_DIR = 1
GP4_CFG =1
Input, Active High
GP4_PD=0
GP4_PU=0
Normal Mode
GP4_DB = 1
Debounce enabled
GPIO5
DBVDD
GP5_FN [3:0] = 0001
L_PWR1
GP5_DIR = 1
GP5_CFG =0
Input, Active Low
GP5_PD=0
GP5_PU=0
Normal Mode
GP5_DB = 1
Debounce enabled
GPIO6
DBVDD
GP6_FN [3:0] = 0001
L_PWR2
GP6_DIR = 1
GP6_CFG =0
Input, Active Low
GP6_PD=0
GP6_PU=0
Normal Mode
GP6_DB = 1
Debounce enabled
GPIO7
DBVDD
GP7_FN [3:0] = 0001
L_PWR3
GP7_DIR = 1
GP7_CFG =0
Input, Active Low
GP7_PD=0
GP7_PU=0
Normal Mode
GP7_DB = 1
Debounce enabled
GPIO8
DBVDD
GP8_FN [3:0] = 0011
/BATT_FAULT
GP8_DIR = 0
GP8_CFG =0
Output, CMOS
GP8_PD=0
GP8_PU=0
Normal Mode
GP8_DB = 1
Debounce enabled
GPIO9
DBVDD
GP9_FN [3:0] = 0001
/VCC_FAULT
GP9_DIR = 0
GP9_CFG =0
Output, CMOS
GP9_PD=0
GP9_PU=0
Normal Mode
GP9_DB = 1
Debounce enabled
GPIO10
LINE
GP10_FN [3:0] = 0000
GPIO
GP10_DIR = 1
GP10_CFG =1
Input, Active High
GP10_PD=0
GP10_PU=0
Normal Mode
GP10_DB = 1
Debounce enabled
GPIO11
LINE
GP11_FN [3:0] = 0000
GPIO
GP11_DIR = 1
GP11_CFG =1
Input, Active High
GP11_PD=0
GP11_PU=0
Normal Mode
GP11_DB = 1
Debounce enabled
GPIO12
LINE
GP12_FN [3:0] = 0011
LINE_SW
GP12_DIR = 0
GP12_CFG =0
Output, CMOS
GP12_PD=0
GP12_PU=0
Normal Mode
GP12_DB = 1
Debounce enabled
Table 66 Default GPIO Settings for Configuration Mode 01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com