Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 116 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 116 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 120Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
116
14.5 CUSTOM MODES
The WM8351 provides three custom start-up modes. These are selected by setting the CONF1 and
CONF0 pins = 01, 10 or 11. The custom mode start-up sequences define the following parameters:
Polarity of the ON pin (Active low or high)
Configuration of the USB power source
Configuration of the Watchdog timer mode
Configuration of the Control Interface mode
Configuration of the 32kHz oscillator (enabled or disabled)
Configuration of the real-time-clock (enabled or disabled)
Configuration of LDO1
Selection of crystal oscillator detect mode (see Section 14.3.6)
Configuration of the voltage settings and start-up timeslots for DC-DC and LDO supplies
Configuration of GPIO pins
In Development Mode, the RECONFIG_AT_ON register bit (see Section 14.4.2) may be used to
control the device configuration behaviour. In Custom Modes 01, 10 or 11, the default setting
(RECONFIG_AT_ON = 1) must always be used. Setting this bit to 0 may result in erroneous
behaviour and deviation from the custom configuration settings.
The custom modes do not allow configuring the WM8351 in the OFF state. As a result, evaluation and
debugging in custom modes is limited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com