Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 113 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 113 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 117Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
113
By default, the DO_CONF output will be set low when the WM8351 enters the OFF state and set high
on every transition from OFF to ACTIVE, re-triggering the external ‘genie’. Also, by default, the
internal control registers will be reset when the WM8351 enters the OFF state. This behaviour can be
changed using the RECONFIG_AT_ON register bit. If RECONFIG_AT_ON is set to 0, then the
control registers will not be reset when going into the OFF state, and the DO_CONF output will
remain set high after the first powering up of the chip, regardless of subsequent state transitions.
De-selection of RECONFIG_AT_ON should be used with caution, as this can potentially lead to
system failures in some applications. If RECONFIG_AT_ON is set to 0, and an OFF event occurs,
then it is possible that control registers will not be set to the intended start-up values when the
WM8351 subsequently returns to the ON state. The impact of this will depend upon the hardware and
software of the particular target application, and is not necessarily a risk in every instance. Please
contact Wolfson Applications support if further guidance is required on this topic.
Note that RECONFIG_AT_ON should never be set to 0 in Custom Modes 01, 10 or 11. Setting this bit
to 0 may result in erroneous behaviour and deviation from the custom configuration settings. Under
default settings, the control registers are always reset in the OFF state.
The register fields DO_CONF and RECONFIG_AT_ON are defined in Table 63.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
Interface
Control
12
CONFIG_D
ONE
0
Tells the system that the PIC micro has
completed its programming.
0 = Programming still to be done
1 = Programming complete
Only applies when CONFIG pins[1:0] = 00.
11
RECONFIG
_AT_ON
1
Selects whether to reset the registers in the
OFF state and whether to reload the device
configuration from the PIC when an ON
event occurs.
0 = Do not reset registers in the OFF state.
Do not load configuration data when an ON
event occurs.
1 = Reset registers in the OFF state. Load
configuration from the PIC when an ON
event occurs.
Note that, in development mode, the device
configuration from the PIC is always loaded
when first powering up the chip.
This bit must always be set to default (1) in
Custom Modes 01, 10 and 11.
Table 63 Start-Up Control in Development Mode
Note:
if the WM8351 enters the BACKUP state as a result of an undervoltage condition (see
Section 18), then the control registers will be reset, but DO_CONF will remain high. When the supply
voltage rises and device comes out of BACKUP, the DO_CONF output will still be high. If the
DO_CONF signal is used to trigger an external ‘genie’ device, then this may not work, as the
DO_CONF has remained high through the BACKUP state transition, and the WM8351 device will
become locked in the PRE-ACTIVE state when an ON event occurs.
This problem may be avoided by ensuring that the ‘genie’ monitors the LINE voltage in order to
recognise the undervoltage condition, and that it verifies the I2C Acknowledge signal on the
secondary interface (GPIO10 and GPIO11) to determine whether it can execute its programming
function.
14.4.3
CONFIGURING THE WM8351 IN DEVELOPMENT MODE
The WM8351 can be configured in Development mode by writing to control bits that determine its
startup behaviour. The locations of these register bits are shown in Table 64 below. A typical
configuration sequence would include writes to some or all of the registers listed. If none of the
highlighted bits in any given register needs to be changed from its default, then no write to that
register is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com