Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 114 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 114 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 118Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
114
The configuration bits include:
Duration control bits for the /RST reset signal (RSTB_TO)
GPIO pull-up / pull-down settings and debounce times (GPn_PD, GPn_PU, GPn_DB and
GP_DBTIME)
Alternate function and input/output selection for GPIO pins (GPn_FN, GPn_DIR and GPn_CFG)
Voltage settings for DC-DC converters and LDO regulators (DCn_VSEL and LDOn_VSEL)
Time slots for automatic start of all DC-DC converters, all LDO regulators and the Current Limit
Switch during startup (DCn_ENSLOT, LDOn_ENSLOT and LS_ENSLOT). Note that supplies
can be programmed to not start up automatically by setting the respective _ENSLOT bits to
0000.
Typically, the final step in the sequence is a write to register R6, in order to:
Select the WM8351 device address on the primary control interface, using the DEV_ADDR bits.
Allow the WM8351 to proceed to startup. This is achieved by setting the CONFIG_DONE bit (R6
bit 12) to 1.
Switch the control interface back to the primary interface (if desired), so that a host processor
can communicate with the WM8351. This is achieved by setting USE_DEV_PINS (R6 bit 15) to
0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com