Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 124 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 124 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 128Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
124
SUPPLY
REGISTER SETTING
DESCRIPTION
DCDC1
DC1_ENSLOT [3:0] = 0001
DC1_VSEL [6:0] = 000_1110
First timeslot
1.2V
DCDC2
DC2_ENSLOT [3:0] = 0000
Disabled
DCDC3
DC3_ENSLOT [3:0] = 0010
DC3_VSEL [6:0] = 010_0110
Second timeslot
1.8V
DCDC4
DC4_ENSLOT [3:0] = 0101
DC4_VSEL [6:0] = 110_0010
Fifth timeslot
3.3V
LDO1
LDO1_ENSLOT [3:0] = 0011
LDO1_VSEL [4:0] = 0_0110
Third timeslot
1.2V
LDO2
LDO2_ENSLOT [3:0] = 0000
LDO2_VSEL [4:0] = 1_0110
Disabled
2.4V
LDO3
LDO3_ENSLOT [3:0] = 0000
LDO3_VSEL [4:0] = 1_1001
Disabled
2.7V
LDO4
LDO4_ENSLOT [3:0] = 0100
LDO4_VSEL [4:0] = 1_1010
Fourth timeslot
2.8V
Table 69 Default Supply Voltages / Power-up Sequence for Configuration Mode 11
Figure 68 Power-up Sequence - Configuration Mode 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com