Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 126 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 126 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 130Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
126
14.6 CONFIGURING THE DC-DC CONVERTERS
The configuration of the DC-DC converters is described in the following sections. Some of the control
fields form part of the Custom Mode configuration settings and therefore will not require to be set in
software in some applications.
14.6.1
DC-DC CONVERTER ENABLE
The DC-DC Converters can be enabled in software using the register fields defined in Table 71. All
DC-DC converters include a soft-start feature that helps to reduce the inductor current at start up. In
order to further reduce supply in-rush current, individual converters should be programmed to start in
different time slots within the start-up sequence.
In the WM8351 ACTIVE state, the DC-DC Converters can be enabled in software using the
DCn_ENA bits. Setting these bits whilst in the Pre-Active state (see Figure 65) will not immediately
enable the corresponding DC-DC converter; these bits will only become effective once the WM8351
has reached the ACTIVE state.
Each Converter may be programmed to switch on in a selected timeslot within the start-up sequence.
The WM8351 will set the DCn_ENA field for any DC-DC converter that is enabled during the start-up
sequence. Note that setting the DCn_ENSLOT fields in software is only relevant to the Development
Mode, as these fields are assigned preset values in each of the Custom Modes.
Each Converter may be programmed to switch off in a selected timeslot within the shutdown
sequence. If a Converter is not allocated to one of the 14 shutdown timeslots, it will be disabled when
the WM8351 enters the OFF state.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
Note
: n is a number between 1 and 6 that identifies the individual DC-DC converter
R13 (0Dh) or
R176 (B0h)
0,1,2,3
DCn_ENA
Dependant on
CONFIG[1:0]
settings
DCDCn converter enable
0 = disabled
1 = enabled
Note: internal conditions may prevent
the converter from actually switching on
- see DCDC/LDO Status register for
actual converter status.
Note:
These bits can be accessed through R13 or through R176. Reading from or writing to either
register location has the same effect.
R181 (B5h) for
DC-DC1
R184 (B8h) for
DC-DC2
R187 (BBh) for
DC-DC3
R190 (BEh) for
DC-DC4
13:10
DCn_ENSLO
T [3:0]
Dependant on
CONFIG[1:0]
settings
Time slot for DC-DCn start-up
0000 = Disabled (do not start up)
0001 = Start-up in time slot 1
… (total 14 slots available)
1110 = Start-up in time slot 14
1111 = Start up on entering ACTIVE
9:6
DCn_SDSLO
T [3:0]
0000
Time slot for DC-DCn shutdown.
0000 = Shut down on entering OFF
0001 = Shutdown in time slot 1
…. (total 14 slots available)
1110 = Shutdown in time slot 14
1111 = Shut down on entering OFF
Note: n
is number between 1 and 4 that identifies the individual DC-DC converter
Table 71 Enabling and Disabling the DC-DC Converters
14.6.2
CLOCKING
The DC-DC converters are controlled by an internally generated clock signal from the RC Oscillator
with a constant frequency of around 2.0MHz for DC-DC 1, 3 and 4, and a constant frequency of
around 1.0MHz for DC-DC 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com