Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 130 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 130 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 134Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
130
A summary of the Mode Control and Voltage Control for DC-DC Converter 1 is provided in Table 76.
Note that “Hibernate” in Table 76 refers to a GPIO Hibernate input or to the applicable Hibernate
signal selected by the DC1_HIB_TRIG field.
The equivalent logic applies for DC-DC 3 and 4. Note that the DC-DC Converters must also be
enabled as described in Table 71.
HIBERNATE
DC1_HIB_MODE
DC1_SLEEP
DC1_ACTIVE
OPERATING
MODE
OUTPUT
VOLTAGE
0
X
0
0
Standby/Hysteretic
DC1_VSEL
0
X
0
1
Active
DC1_VSEL
0
X
1
X
LDO Mode
DC1_VSEL
1
000
0
0
Standby/Hysteretic
DC1_VSEL
0
1
Active
DC1_VSEL
1
X
LDO Mode
DC1_VSEL
001
0
0
Standby/Hysteretic
DC1_VIMG
0
1
Active
DC1_VIMG
1
X
LDO Mode
DC1_VIMG
010
X
X
Standby/Hysteretic
DC1_VSEL
011
X
X
Standby/Hysteretic
DC1_VIMG
100
X
X
LDO Mode
DC1_VSEL
101
X
X
LDO Mode
DC1_VIMG
110
X
X
Disabled
N/A
111
X
X
Disabled
N/A
Table 76 DC1 Converter Operating Mode Selection
14.6.4
DC-DC BOOST (STEP-UP) CONVERTER CONTROL
DC-DC Converter 2 is a boost converter which can be configured to operate in different operating
modes, using the register bits described in Table 77.
In Switch mode, the DC-DC Converter acts as a switch between VP2 and L2. The switch is enabled
(closed) by setting DC2_ENA = 1. The switch is disabled (opened) by setting DC2_ENA = 0. Note that
the switch voltage source on VP2 must be >1.2V to ensure reliable operation.
In Boost mode, the DC-DC Converter operates as a step-up converter, employing current-mode
architecture, capable of powering LED lights. The output voltage can be higher than the input voltage,
but cannot be lower. Different configurations of voltage feedback are available in boost mode, to
control the output voltage in different ways. The voltage feedback mode is selected by the
DC2_FBSRC register field.
When DC2_FBSRC = 00, the converter’s output voltage is set by two external resistors connected to
FB2. See Section 29 for Applications Information covering the selection of suitable components.
When DC2_FBSRC = 01, the converter uses the ISINKA pin as feedback and adjusts its output
voltage in order to achieve the required ISINKA current.
When DC2_FBSRC = 11, the converter’s output voltage is set by two internal resistors, resulting in a
fixed 5V output, suitable for USB interfaces.
The current-controlled configuration using ISINKA is intended for controlling a string of serially-
connected LEDs driven by the DC-DC boost converter. See Table 97 for a definition of the CS1_ISEL
register field which determines the required ISINKA current. In this mode, external resistors
connected on the FB2 pin determine the maximum output voltage. See Section 29 for Applications
Information covering the selection of suitable components.
In all configurations, the input pin VP2 must be externally wired to one of the supply rails, BATT or
LINE. Using LINE has the advantage that the converters can operate when the battery is flat,
defective or absent. Note that VP2 should not be connected to the USB supply rail.
The DC2_RMPH and DC2_RMPL bits defined in Table 77 should be set according to the desired
output voltage in order to optimise the transient response of the converter. Selecting a different value
could result in sub-harmonic oscillation of the converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com