Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 131 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 131 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 135Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
131
The DC2_ILIM bits defined in Table 77 should be set according to the intended output load
conditions.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R183 (B7h)
DC-DC2 Control
14
DC2_MODE
0
DC-DC2 Converter Mode
0 = boost mode
1 = switch mode
6
DC2_ILIM
0
DC-DC2 peak current limit select
0 = Higher peak current
1 = Lower peak current
4:3
DC2_RMPH
DC2_RMPL
01
DC-DC2 compensation ramp
{DC2_RMPH, DC2_RMPL}
00 = 20V < VOUT ≤ 30V
01 = 10V < VOUT ≤ 20V
10 = 5V < VOUT ≤ 10V
11 = VOUT ≤ 5V (will be chosen
automatically if DC2_FBSRC=11)
1:0
DC2_FBSRC
[1:0]
00
DC-DCn voltage feedback selection
00 = voltage feedback (using external
resistor divider on pin FBn)
01 = current sink ISINKA used as
feedback
10 = Reserved
11 = voltage feedback (using internal
resistor divider on pin USB)
Table 77 Operating Mode Control for DC-DC Converter 2
DC-DC Converter 2 can also be controlled by the device HIBERNATE bit, or by hardware input
signals L_PWR1, L_PWR2 and L_PWR3. Several GPIO pins can be assigned as L_PWR pins. The
converter can be assigned to one of these three signals, or else to the device HIBERNATE bit. The
signals are active high and the converter’s response to the selected signal is programmable as
defined in Table 78.
Note that, when a GPIO pin is configured as a Hibernate input pin, and this input is asserted, then all
DC-DC Converters will be placed in Hibernate mode.
In order to use GPIO pins as L_PWR pins, they must be configured by setting the respective
GPn_FN, and GPn_DIR bits to the appropriate value (see Section 20).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com