Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 135 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 135 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 138Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 139Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
135
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R207 (CFh)
for LDO3
R210 (D2h)
for LDO4
1111 = Start up on entering ACTIVE
9:6
LDOn_SDSL
OT [3:0]
0000
Time slot for LDOn shutdown.
0000 = Shut down on entering OFF
0001 = Shutdown in time slot 1
…. (total 14 slots available)
1110 = Shutdown in time slot 14
1111 = Shut down on entering OFF
Note: n
is a number between 1 and 4 that identifies the individual LDO regulator
Table 82 Enabling and Disabling the LDO Regulators
14.7.2
LDO REGULATOR CONTROL
The LDO Regulators can be configured to operate in different modes using the register bits described
in Table 83.
In Switch mode, the Regulators operate as current-limited switches with no voltage regulation.
In LDO Regulator mode, the Regulators generate an output voltage determined by the LDOn_VSEL
fields. The LDO Regulators are dynamically programmable - the output voltage may be adjusted in
software at any time. The Regulators are critically damped to ensure there is no voltage overshoot or
undershoot when adjusting the output voltage.
The default output voltage for the LDO Regulators is set by writing to the LDOn_VSEL register bits.
The ‘image’ voltage settings LDOn_VIMG are alternate values that may be invoked when the
HIBERNATE software or hardware control is asserted.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R200 (C8h)
for LDO1
R203 (CBh)
for LDO2
R206 (CEh)
for LDO3
R209 (D1h)
for LDO4
14
LDOn_SWI
0
LDOn Regulator mode
0 = LDO voltage regulator
1 = Current-limited switch (no voltage
regulation, LDOn_VSEL has no
effect)
4:0
LDOn_VSEL
[4:0]
Dependant on
CONFIG[1:0]
settings
LDOn Regulator output voltage (when
LDOn_SWI=0)
1 1111 = 3.3V
… (100mV steps)
1 0000 = 1.8V
0 1111 = 1.65V
… (50mV steps)
0 0000 = 0.9V
R202 (CAh)
for LDO1
R205 (CDh)
for LDO2
R208 (D0h)
for LDO3
R211 (D3h)
for LDO4
4:0
LDOn_VIMG
[4:0]
1 1100
LDOn Regulator output image voltage
1 1111 = 3.3V
… (100mV steps)
1 0000 = 1.8V
0 1111 = 1.65V
… (50mV steps)
0 0000 = 0.9V
Note: n
is a number between 1 and 4 that identifies the individual LDO regulator
Table 83 Controlling Regulator Voltage and Switch Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com