Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 136 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 136 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 138Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 139Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 140Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
136
The LDO Regulators can also be controlled by the device HIBERNATE bit, or by hardware input
signals L_PWR1, L_PWR2 and L_PWR3. Several GPIO pins can be assigned as L_PWR pins. Each
Regulator can be assigned to one of these three signals, or else to the device HIBERNATE bit. The
signals are active high and each Regulator’s response to the selected signal is programmable as
defined in Table 84.
Note that, when a GPIO pin is configured as a Hibernate input pin, and this input is asserted, then all
LDO Regulators will be placed in Hibernate mode.
In order to use GPIO pins as L_PWR pins, they must be configured by setting the respective
GPn_FN, and GPn_DIR bits to the appropriate value (see Section 20).
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
Note: n
is a number between 1 and 4 that identifies the individual LDO regulator
R202 (CAh)
for LDO1
R205 (CDh)
for LDO2
R208 (D0h)
for LDO3
R211 (D3h)
for LDO4
13:12
LDOn_HIB_M
ODE [1:0]
00
LDO Hibernate behaviour:
00 = Select voltage image settings
01 = disable output
10 = reserved
11 = reserved
9:8
LDOn_HIB_T
RIG [1:0]
00
LDO Hibernate signal select
00 = Hibernate register bit
01 = L_PWR1
10 = L_PWR2
11 = L_PWR3
Table 84 Configuring Hardware Control for LDO Regulators
When the LDO Regulators are disabled, the output can be set to float or else the outputs can be
actively discharged through internal resistors. This feature is controlled using the register bits
described in Table 85.
Note that the “float” option is only supported when at least one other LDO Regulator remains enabled.
If LDO Regulators 1, 2, 3 and 4 are all disabled, then the LDO Regulator outputs will be discharged,
regardless of the LDOn_OPFLT registers.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R200 (C8h)
for LDO1
R203 (CBh)
for LDO2
R206 (CEh)
for LDO3
R209 (D1h)
for LDO4
10
LDOn_OPFLT
0
Enable discharge of LDOn outputs
when LDOn disabled
0 = Enabled - Output to be discharged
1 = Disabled - Output is left floating
Note - if LDO Regulators 1, 2, 3 and 4
are all disabled, then the outputs will all
be discharged, regardless of the
LDOn_OPFLT bit.
Note: n
is a number between 1 and 4 that identifies the individual LDO regulator
Table 85 Output Float Control for LDO Regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com