Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 137 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 137 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 138Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 139Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 140Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 141Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
137
14.7.3
INTERRUPTS AND FAULT PROTECTION
Each LDO Regulator is monitored for voltage accuracy and fault conditions. An undervoltage
condition is set if the voltage falls below 95% of the required level. The action taken in response to a
fault condition can be set independently for each LDO Regulator, as described in Table 86. The
LDOn_ERRACT fields configure the fault response to disable the respective regulator or to shut down
the entire system if desired. In addition, LDO Regulator fault conditions also generate a second-level
interrupt (see Section 24).
To prevent false alarms during short current surges, faults are only signalled if the fault condition
persists.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R201 (C9h)
for LDO1
R204 (CCh)
for LDO2
R207 (CFh)
for LDO3
R210 (D2h)
for LDO4
15:14
LDOn_ERRACT
[1:0]
00
Action to take on fault (as well as
generating an interrupt):
00 = ignore
01 = shut down regulator
10 = shut down system
11 = reserved (shut down system)
Note: n
is a number between 1 and 4 that identifies the individual LDO regulator
Table 86 Fault Responses for LDO Regulators
The DC-DC Converters and the LDO Regulators have a first-level interrupt, UV_INT (see Section 24).
This comprises second-level interrupts from each of the DC-DC Converters and the LDO Regulators.
Each LDO Regulator has a dedicated second-level interrupt which indicates an under-voltage
condition. These can be masked by setting the applicable mask bit as defined in Table 87.
ADDRESS
BIT
LABEL
DESCRIPTION
R28 (1Ch)
Under Voltage
Interrupt Status
11
UV_LDO4_EINT
LDO4 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
10
UV_LDO3_EINT
LDO3 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
9
UV_LDO2_EINT
LDO2 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
8
UV_LDO1_EINT
LDO1 Under-voltage interrupt.
(Rising Edge triggered)
Note: This bit is cleared once read.
R36 (24h)
Under Voltage
Interrupt Mask
as in
R28
“IM_” + name of respective
bit in R28
Mask bits for LDO regulator under-voltage
interrupts
Each of these bits masks the respective
bit in R28 when it is set to 1 (e.g.
UV_LDO1_EINT in R28 does not trigger a
UV_INT interrupt when
IM_UV_LDO1_EINT in R36 is set).
Table 87 LDO Regulator Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com