Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 132 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 132 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 136Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
132
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R183 (B7h)
DC-DC2
Control
12
DC2_HIB_MO
DE
0
DC-DC2 Hibernate behaviour:
0 = Continue as in Active state
1 = Disable converter output
9:8
DC2_HIB_TRI
G [1:0]
00
DC-DC2 Hibernate signal select
00 = HIBERNATE register bit
01 = L_PWR1
10 = L_PWR2
11 = L_PWR3
Note that Hibernate is also selected
when a GPIO Hibernate input is
asserted.
Table 78 Hibernate Mode Control for DC-DC Converter 2
14.6.5
INTERRUPTS AND FAULT PROTECTION
Each DC-DC Converter is monitored for voltage accuracy and fault conditions. An undervoltage
condition is set if the voltage falls below 95% of the required level. The action taken in response to a
fault condition can be set independently for each DC-DC Converter, as described in Table 79.
The DCn_ERRACT fields configure the fault response to disable the respective converter or to shut
down the entire system if desired. In addition, DC-DC Converter fault conditions also generate a
second-level interrupt (see Section 24).
To prevent false alarms during short current surges, faults are only signalled if the fault condition
persists. When a DC-DC Converter is started up, any initial fault condition is ignored until the
Converter has been allowed time to settle. The time for which any fault condition is ignored is set by
the PUTO register field, as described in Table 79.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R181 (B5h) for
DC-DC1
R184 (B8h) for
DC-DC2
R187 (BBh) for
DC-DC3
R190 (BEh) for
DC-DC4
15:14
DCn_ERRAC
T [1:0]
00
Action to take on DC-DCn fault (as well
as generating an interrupt):
00 = ignore
01 = shut down converter
10 = shut down system
11 = reserved (shut down system)
R177 (B1h)
DCDC Active
options
13:12
PUTO [1:0]
00
Power up time out value for all
converters
00 = 0.5ms
01 = 2ms
10 = 32ms
11 = 256ms
Note: n
is a number between 1 and 4 that identifies the individual DC-DC converter
Table 79 Fault Responses for DC-DC Converters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com