Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5050ACPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADP5050ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050ACPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADP5050ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
ADP5050
Data Sheet
Rev. 0 | Page 28 of 60
I2C INTERFACE TIMING DIAGRAMS
Figure 59 shows the timing diagram for the I2C write operation.
Figure 60 shows the timing diagram for the I2C read operation.
The subaddress is used to select one of the user registers in the
ADP5050. The ADP5050 sends data to and from the register
specified by the subaddress.
SCL
CHIP ADDRESS
SDA
A0
A1
A2
A3
A4
A5
A6
A0
A1
A2
A3
A4
A5
A6
A7
0
0
0
0
1
0
0
1
D0
D1
D2
D3
D4
D5
D6
D7
SUBADDRESS
WRITE DATA
R/W
NOTES
1. MAXIMUM SCL FREQUENCY IS 400kHz.
2. NO RESPONSE TO GENERAL CALLS.
OUTPUT BY PROCESSOR
OUTPUT BY ADP5050
Figure 59. I2C Write to Register
SCL
CHIP ADDRESS
SDA
A0
A1
A2
A3
A4
A5
A6
A0
A1
A2
A3
A4
A5
A6
A7
0
0
0
0
1
0
0
1
1
0
0
0
1
0
0
1
D0
D1
D2
D3
D4
D5
D6
D7
SUBADDRESS
CHIP ADDRESS
READ DATA
NOTES
1. MAXIMUM SCL FREQUENCY IS 400kHz.
2. NO RESPONSE TO GENERAL CALLS.
OUTPUT BY PROCESSOR
OUTPUT BY ADP5050
R/W
A0
A1
A2
A3
A4
A5
A6
R/W
Figure 60. I2C Read from Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com