Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5050ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP5050ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP5050ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
ADP5050
Data Sheet
Rev. 0 | Page 12 of 60
Pin No.
Mnemonic
Description
30
PGND
Power Ground for Channel 1 and Channel 2.
31
DL1
Low-Side FET Gate Driver for Channel 1. Connect a resistor from this pin to ground to program the current-limit
threshold for Channel 1.
32
BST1
High-Side FET Driver Power Supply for Channel 1.
33, 34
SW1
Switching Node Output for Channel 1.
35, 36
PVIN1
Power Input for the Internal 5.1 V VREG Linear Regulator and the Channel 1 Buck Regulator. Connect a bypass
capacitor between this pin and ground.
37
EN1
Enable Input for Channel 1. An external resistor divider can be used to set the turn-on threshold.
38
SS12
Connect a resistor divider from this pin to VREG and ground to configure the soft start time for Channel 1 and
Channel 2 (see the Soft Start section). This pin is also used to configure parallel operation of Channel 1 and
Channel 2 (see the Parallel Operation section).
39
COMP1
Error Amplifier Output for Channel 1. Connect an RC network from this pin to ground.
40
FB1
Feedback Sensing Input for Channel 1.
41
RT
Connect a resistor from RT to ground to program the switching frequency from 250 kHz to 1.4 MHz. For more
information, see the Oscillator section.
42
VDD
Output of the Internal 3.3 V Linear Regulator. Connect a 1 µF ceramic capacitor between this pin and ground.
43
SYNC/MODE
Synchronization Input/Output (SYNC). To synchronize the switching frequency of the part to an external clock,
connect this pin to an external clock with a frequency from 250 kHz to 1.4 MHz. This pin can also be configured
as a synchronization output using the I2C interface or by factory fuse.
Forced PWM or Automatic PWM/PSM Selection Pin (MODE). When this pin is logic high, each channel operates
in forced PWM or automatic PWM/PSM mode, as specified by the PSMx_ON bits in Register 6. When this pin is
logic low, all channels operate in automatic PWM/PSM mode, and the PSMx_ON settings in Register 6 are ignored.
44
VREG
Output of the Internal 5.1 V Linear Regulator. Connect a 1 µF ceramic capacitor between this pin and ground.
45
FB3
Feedback Sensing Input for Channel 3.
46
COMP3
Error Amplifier Output for Channel 3. Connect an RC network from this pin to ground.
47
SS34
Connect a resistor divider from this pin to VREG and ground to configure the soft start time for Channel 3 and
Channel 4 (see the Soft Start section).
48
EN3
Enable Input for Channel 3. An external resistor divider can be used to set the turn-on threshold.
EPAD
Exposed Pad (Analog Ground). The exposed pad must be connected and soldered to an external ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com