Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5050ACPZ-R7 Datasheet(PDF) 48 Page - Analog Devices

Part # ADP5050ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050ACPZ-R7 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADP5050ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
ADP5050
Data Sheet
Rev. 0 | Page 48 of 60
REGISTER 9: TH_CFG (TEMPERATURE WARNING AND LOW VIN WARNING THRESHOLD CONFIGURATION),
ADDRESS 0x09
Register 9 is used to configure the junction temperature overheat detection threshold and the low input voltage detection threshold.
When these thresholds are enabled, the TEMP_INT and LVIN_INT status bits in Register 14 are set if the thresholds are exceeded.
Table 35. Register 9 Bit Assignments
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
TEMP_TH[1:0]
LVIN_TH[3:0]
Table 36. TH_CFG Register, Bit Function Descriptions
Bits
Bit Name
Access
Description
[7:6]
Reserved
R/W
Reserved.
[5:4]
TEMP_TH[1:0]
R/W
These bits set the junction temperature overheat threshold.
00 = temperature warning function disabled (default).
01 = 105°C.
10 = 115°C.
11 = 125°C.
[3:0]
LVIN_TH[3:0]
R/W
These bits set the low input voltage detection threshold.
0000 = 4.2 V (default).
0001 = 4.7 V.
0010 = 5.2 V.
0011 = 5.7 V.
0100 = 6.2 V.
0101 = 6.7 V.
0110 = 7.2 V.
0111 = 7.7 V.
1000 = 8.2 V.
1001 = 8.7 V.
1010 = 9.2 V.
1011 = 9.7 V.
1100 = 10.2 V.
1101 = 10.7 V.
1110 = 11.2 V.
1111 = low input voltage warning function disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com