Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5050ACPZ-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADP5050ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050ACPZ-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADP5050ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
ADP5050
Data Sheet
Rev. 0 | Page 42 of 60
DETAILED REGISTER DESCRIPTIONS
This section describes the bit functions of each register used by
the ADP5050. To reset a register, the internal VDD power-on
reset signals must be low, unless otherwise noted.
REGISTER 1: PCTRL (CHANNEL ENABLE CONTROL),
ADDRESS 0x01
Register 1 is used to enable and disable the operation of each
channel. The on or off status of a channel is controlled by the
CHx_ON bit in this register and the external hardware enable
pin for the channel (logical AND). The default value of the
CHx_ON bit, 1, means that the channel enable is controlled by
the external hardware enable pin. The channel can be disabled
or enabled via the I2C interface only when the ENx pin is high.
Pulling the ENx pin low resets the corresponding CHx_ON bit
to the default value (1) to allow another valid startup when the
ENx pin is high again.
Table 19. Register 1 Bit Assignments
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
CH5_ON
CH4_ON
CH3_ON
CH2_ON
CH1_ON
Table 20. PCTRL Register, Bit Function Descriptions
Bits
Bit Name
Access
Description
[7:5]
Reserved
R/W
Reserved.
4
CH5_ON
R/W
0 = disable Channel 5 (EN5 pin must be high).
1 = enable Channel 5 (default).
3
CH4_ON
R/W
0 = disable Channel 4 (EN4 pin must be high).
1 = enable Channel 4 (default).
2
CH3_ON
R/W
0 = disable Channel 3 (EN3 pin must be high).
1 = enable Channel 3 (default).
1
CH2_ON
R/W
0 = disable Channel 2 (EN2 pin must be high).
1 = enable Channel 2 (default).
0
CH1_ON
R/W
0 = disable Channel 1 (EN1 pin must be high).
1 = enable Channel 1 (default).
REGISTER 2: VID1 (VID SETTING FOR CHANNEL 1), ADDRESS 0x02
Register 2 is used to set the output voltage for Channel 1.
Table 21. Register 2 Bit Assignments
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
VID1[4:0]
Table 22. VID1 Register, Bit Function Descriptions
Bits
Bit Name
Access
Description
[7:5]
Reserved
R/W
Reserved.
[4:0]
VID1[4:0]
R/W
These bits set the output voltage for Channel 1. The default value is programmed by factory fuse.
00000 = 0.8 V (adjustable).
00001 = 0.85 V.
00010 = 0.875 V.
00011 = 0.9 V.
…
00111 = 1.0 V.
…
10011 = 1.3 V.
…
11011 = 1.5 V.
…
11110 = 1.575 V.
11111 = 1.6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com