Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5050ACPZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADP5050ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050ACPZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADP5050ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
ADP5050
Data Sheet
Rev. 0 | Page 34 of 60
DESIGN EXAMPLE
This section provides an example of the step-by-step design
procedures and the external components required for Channel 1.
Table 15 lists the design requirements for this example.
Table 15. Example Design Requirements for Channel 1
Parameter
Specification
Input Voltage
VPVIN1 = 12 V ± 5%
Output Voltage
VOUT1 = 1.2 V
Output Current
IOUT1 = 4 A
Output Ripple
ΔVOUT1_RIPPLE = 12 mV in CCM mode
Load Transient
±5% at 20% to 80% load transient, 1 A/µs
Although this example shows step-by-step design procedures
for Channel 1, the procedures apply to all other buck regulator
channels (Channel 2 to Channel 4).
SETTING THE SWITCHING FREQUENCY
The first step is to determine the switching frequency for the
ADP5050 design. In general, higher switching frequencies
produce a smaller solution size due to the lower component
values required, whereas lower switching frequencies result in
higher conversion efficiency due to lower switching losses.
The switching frequency of the ADP5050 can be set to a value
from 250 kHz to 1.4 MHz by connecting a resistor from the RT
pin to ground. The selected resistor allows the user to make
decisions based on the trade-off between efficiency and solution
size. (For more information, see the Oscillator section.) However,
the highest supported switching frequency must be assessed by
checking the voltage conversion limitations enforced by the
minimum on time and the minimum off time (see the Voltage
Conversion Limitations section).
In this design example, a switching frequency of 600 kHz is
used to achieve a good combination of small solution size and
high conversion efficiency. To set the switching frequency to
600 kHz, use the following equation to calculate the resistor
value, RRT:
RRT (kΩ) = [14,822/fSW (kHz)]1.081
Therefore, select standard resistor RRT = 31.6 kΩ.
SETTING THE OUTPUT VOLTAGE
Select a 10 kΩ bottom resistor (RBOT) and then calculate the top
feedback resistor using the following equation:
RBOT = RTOP × (VREF/(VOUT − VREF))
where:
VREF is 0.8 V for Channel 1.
VOUT is the output voltage.
To set the output voltage to 1.2 V, choose the following resistor
values: RTOP = 4.99 kΩ, RBOT = 10 kΩ.
SETTING THE CURRENT LIMIT
For 4 A output current operation, the typical peak current limit
is 6.44 A. For this example, choose RILIM1 = 22 kΩ (see Table 11).
For more information, see the Current-Limit Protection section.
SELECTING THE INDUCTOR
The peak-to-peak inductor ripple current, ΔIL, is set to 35% of
the maximum output current. Use the following equation to
estimate the value of the inductor:
L = [(VIN − VOUT) × D]/(ΔIL × fSW)
where:
VIN = 12 V.
VOUT = 1.2 V.
D is the duty cycle (D = VOUT/VIN = 0.1).
ΔIL = 35% × 4 A = 1.4 A.
fSW = 600 kHz.
The resulting value for L is 1.28 µH. The closest standard
inductor value is 1.5 µH; therefore, the inductor ripple current,
ΔIL, is 1.2 A.
The peak inductor current is calculated using the following
equation:
IPEAK = IOUT + (ΔIL/2)
The calculated peak current for the inductor is 4.6 A.
The rms current of the inductor can be calculated using the
following equation:
12
2
2
L
OUT
RMS
I
I
I
∆
+
=
The rms current of the inductor is approximately 4.02 A.
Therefore, an inductor with a minimum rms current rating
of 4.02 A and a minimum saturation current rating of 4.6 A is
required. However, to prevent the inductor from reaching its
saturation point in current-limit conditions, it is recommended
that the inductor saturation current be higher than the maximum
peak current limit, typically 7.48 A, for reliable operation.
Based on these requirements and recommendations, the
TOKO FDV0530-1R5, with a DCR of 13.5 mΩ, is selected
for this design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com