Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5050ACPZ-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # ADP5050ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050ACPZ-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADP5050ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
Data Sheet
ADP5050
Rev. 0 | Page 41 of 60
REGISTER MAP
Table 18. Register Map
Register
Address
Register
Name
Reg.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0x00
Reserved
Reserved
1
0x01
PCTRL
Reserved
CH5_ON
CH4_ON
CH3_ON
CH2_ON
CH1_ON
2
0x02
VID1
Reserved
VID1[4:0]
3
0x03
VID23
Reserved
VID3[2:0]
Reserved
VID2[2:0]
4
0x04
VID4
Reserved
VID4[4:0]
5
0x05
DVS_CFG
Reserved
DVS4_ON
DVS4_INTVAL[1:0]
Reserved
DVS1_ON
DVS1_INTVAL[1:0]
6
0x06
OPT_CFG
DSCG4_ON DSCG3_ON DSCG2_ON
DSCG1_ON PSM4_ON
PSM3_ON
PSM2_ON
PSM1_ON
7
0x07
LCH_CFG
OVP4_ON
OVP3_ON
OVP2_ON
OVP1_ON
SCP4_ON
SCP3_ON
SCP2_ON
SCP1_ON
8
0x08
SW_CFG
FREQ3
FREQ1
PHASE4[1:0]
PHASE3[1:0]
PHASE2[1:0]
9
0x09
TH_CFG
Reserved
TEMP_TH[1:0]
LVIN_TH[3:0]
10
0x0A
HICCUP_CFG
SYNC_OUT
Reserved
HICCUP4_
OFF
HICCUP3_
OFF
HICCUP2_
OFF
HICCUP1_
OFF
11
0x0B
PWRGD_MASK
Reserved
MASK_CH4
MASK_CH3
MASK_CH2
MASK_CH1
12
0x0C
LCH_STATUS
Reserved
TSD_LCH
CH4_LCH
CH3_LCH
CH2_LCH
CH1_LCH
13
0x0D
STATUS_RD
Reserved
PWRG4
PWRG3
PWRG2
PWRG1
14
0x0E
INT_STATUS
Reserved
TEMP_INT
LVIN_INT
PWRG4_INT PWRG3_INT PWRG2_INT PWRG1_INT
15
0x0F
INT_MASK
Reserved
MASK_TEMP MASK_LVIN MASK_
PWRG4
MASK_
PWRG3
MASK_
PWRG2
MASK_
PWRG1
16
0x10
Reserved
Reserved
17
0x11
DEFAULT_SET
DEFAULT_SET[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com