Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5050ACPZ-R7 Datasheet(PDF) 47 Page - Analog Devices

Part # ADP5050ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050ACPZ-R7 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADP5050ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
Data Sheet
ADP5050
Rev. 0 | Page 47 of 60
REGISTER 8: SW_CFG (SWITCHING FREQUENCY AND PHASE SHIFT CONFIGURATION), ADDRESS 0x08
Register 8 is used to configure the switching frequency for Channel 1 and Channel 3 and to configure the phase shift for Channel 2,
Channel 3, and Channel 4 with respect to Channel 1 (0˚). The default values for the Channel 1 and Channel 3 switching frequencies
can be programmed by factory fuse.
Table 33. Register 8 Bit Assignments
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
FREQ3
FREQ1
PHASE4[1:0]
PHASE3[1:0]
PHASE2[1:0]
Table 34. SW_CFG Register, Bit Function Descriptions
Bits
Bit Name
Access
Description
7
FREQ3
R/W
The default value can be programmed by factory fuse.
0 = switching frequency for Channel 3 is the same as the master frequency set by the RT pin.
1 = switching frequency for Channel 3 is half the master frequency set by the RT pin.
6
FREQ1
R/W
The default value can be programmed by factory fuse.
0 = switching frequency for Channel 1 is the same as the master frequency set by the RT pin.
1 = switching frequency for Channel 1 is half the master frequency set by the RT pin.
[5:4]
PHASE4[1:0]
R/W
These bits configure the phase shift for Channel 4 with respect to Channel 1 (0°).
00 = 0° phase shift.
01 = 90° phase shift.
10 = 180° phase shift (default).
11 = 270° phase shift.
[3:2]
PHASE3[1:0]
R/W
These bits configure the phase shift for Channel 3 with respect to Channel 1 (0°).
00 = 0° phase shift (default).
01 = 90° phase shift.
10 = 180° phase shift.
11 = 270° phase shift.
[1:0]
PHASE2[1:0]
R/W
These bits configure the phase shift for Channel 2 with respect to Channel 1 (0°).
00 = 0° phase shift.
01 = 90° phase shift.
10 = 180° phase shift (default).
11 = 270° phase shift.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com