Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5050ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP5050ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP5050ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
Data Sheet
ADP5050
Rev. 0 | Page 19 of 60
THEORY OF OPERATION
The ADP5050 is a micropower management unit that combines
four high performance buck regulators with a 200 mA low dropout
(LDO) regulator in a 48-lead LFCSP package to meet demanding
performance and board space requirements. The device enables
direct connection to high input voltages up to 15 V with no pre-
regulators to make applications simpler and more efficient.
BUCK REGULATOR OPERATIONAL MODES
PWM Mode
In pulse-width modulation (PWM) mode, the buck regulators
in the ADP5050 operate at a fixed frequency; this frequency is
set by an internal oscillator that is programmed by the RT pin.
At the start of each oscillator cycle, the high-side MOSFET turns
on and sends a positive voltage across the inductor. The inductor
current increases until the current-sense signal exceeds the peak
inductor current threshold that turns off the high-side MOSFET;
this threshold is set by the error amplifier output.
During the high-side MOSFET off time, the inductor current
decreases through the low-side MOSFET until the next oscillator
clock pulse starts a new cycle. The buck regulators in the ADP5050
regulate the output voltage by adjusting the peak inductor current
threshold.
PSM Mode
To achieve higher efficiency, the buck regulators in the ADP5050
smoothly transition to variable frequency power save mode (PSM)
operation when the output load falls below the PSM current
threshold. When the output voltage falls below regulation, the
buck regulator enters PWM mode for a few oscillator cycles until
the voltage increases to within regulation. During the idle time
between bursts, the MOSFET turns off, and the output capacitor
supplies all the output current.
The PSM comparator monitors the internal compensation node,
which represents the peak inductor current information. The
average PSM current threshold depends on the input voltage
(VIN), the output voltage (VOUT), the inductor, and the output
capacitor. Because the output voltage occasionally falls below
regulation and then recovers, the output voltage ripple in PSM
operation is larger than the ripple in the forced PWM mode of
operation under light load conditions.
Forced PWM and Automatic PWM/PSM Modes
The buck regulators can be configured to always operate in
PWM mode using the SYNC/MODE pin and the I2C interface.
In forced PWM (FPWM) mode, the regulator continues to
operate at a fixed frequency even when the output current is
below the PWM/PSM threshold. In PWM mode, efficiency is
lower compared to PSM mode under light load conditions. The
low-side MOSFET remains on when the inductor current falls
to less than 0 A, causing the ADP5050 to enter continuous
conduction mode (CCM).
The buck regulators can be configured to operate in automatic
PWM/PSM mode using the SYNC/MODE pin and the I2C
interface. In automatic PWM/PSM mode, the buck regulators
operate in either PWM mode or PSM mode, depending on the
output current. When the average output current falls below the
PWM/PSM threshold, the buck regulator enters PSM mode
operation; in PSM mode, the regulator operates with a reduced
switching frequency to maintain high efficiency. The low-side
MOSFET turns off when the output current reaches 0 A,
causing the regulator to operate in discontinuous mode (DCM).
The user can alternate between forced PWM (FPWM) mode
and automatic PWM/PSM mode during operation. The flexible
configuration capability during operation of the device enables
efficient power management.
When a logic high level is applied to the SYNC/MODE pin (or
when SYNC/MODE is configured as a clock input or output),
the operational mode of each channel is set by the PSMx_ON
bit in Register 6. A value of 0 for the PSMx_ON bit configures
the channel for forced PWM mode; a value of 1 configures the
channel for automatic PWM/PSM mode.
When a logic low level is applied to the SYNC/MODE pin,
the operational mode of all four buck regulators is automatic
PWM/PSM mode, and the settings of the PSMx_ON bits in
Register 6 are ignored.
Table 8 describes the function of the SYNC/MODE pin in
setting the operational mode of the device.
Table 8. Configuring the Mode of Operation Using the
SYNC/MODE Pin
SYNC/MODE Pin
Mode of Operation for Each Channel
High
Specified by the PSMx_ON bit setting
in Register 6 (0 = forced PWM mode;
1 = automatic PWM/PSM mode)
Clock Input/Output
Specified by the PSMx_ON bit setting
in Register 6 (0 = forced PWM mode;
1 = automatic PWM/PSM mode)
Low
Automatic PWM/PSM mode (PSMx_ON
bit settings in Register 6 are ignored)
For example, with the SYNC/MODE pin high, write 1 to the
PSM4_ON bit in Register 6 to configure automatic PWM/PSM
mode operation for Channel 4, and write 0 to the PSM1_ON,
PSM2_ON, and PSM3_ON bits to configure forced PWM mode
for Channel 1, Channel 2, and Channel 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com