Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5050ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP5050ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP5050ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
Data Sheet
ADP5050
Rev. 0 | Page 25 of 60
The short-circuit latch-off status can be read from Register 12,
LCH_STATUS. To clear the status bit, write a 1 to the bit (pro-
vided that the fault no longer persists). The status bit is latched
until a 1 is written to the bit or the part is reset by the internal
VDD power-on reset signal. Note that short-circuit latch-off
mode does not work if hiccup protection is disabled.
Overvoltage Latch-Off Mode
Overvoltage latch-off mode is enabled by factory fuse or by
writing a 1 to the OVPx_ON bit in Register 7, LCH_CFG. The
overvoltage latch-off threshold is 124% of the nominal output
voltage level. When the output voltage exceeds this threshold,
the protection circuit detects the overvoltage status and the regu-
lator shuts down. This shutdown (latch-off) condition is cleared
only by reenabling the channel or by resetting the channel
power supply.
Figure 53 shows the overvoltage latch-off detection function.
OUTPUT
VOLTAGE
TIME
LATCH OFF
THIS
REGULATOR
LATCH-OFF
CHx_LCH
WRITE 1
TO
CHx_LCH BIT
124%
NOMINAL OUTPUT
100%
NOMINAL OUTPUT
CHx ON
Figure 53. Overvoltage Latch-Off Detection
The overvoltage latch-off status can be read from Register 12,
LCH_STATUS. To clear the status bit, write a 1 to the bit (pro-
vided that the fault no longer persists). The status bit is latched
until a 1 is written to the bit or the part is reset by the internal
VDD power-on reset signal.
UNDERVOLTAGE LOCKOUT (UVLO)
Undervoltage lockout circuitry monitors the input voltage level of
each buck regulator in the ADP5050. If any input voltage (PVINx
pin) falls below 3.78 V (typical), the corresponding channel is
turned off. After the input voltage rises above 4.2 V (typical), the
soft start period is initiated, and the corresponding channel is
enabled when the ENx pin is high.
Note that a UVLO condition on Channel 1 (PVIN1 pin) has
a higher priority than a UVLO condition on other channels,
which means that the PVIN1 supply must be available before
other channels can be operated.
POWER-GOOD FUNCTION
The ADP5050 includes an open-drain power-good output
(PWRGD pin) that becomes active high when the selected buck
regulators are operating normally. By default, the PWRGD pin
monitors the output voltage on Channel 1. Other channels can
be configured to control the PWRGD pin when the ADP5050
is ordered (see Table 56).
The power-good status of each channel (PWRGx bit) can be
read back via the I2C interface (Register 13, STATUS_RD). A
value of 1 for the PWRGx bit indicates that the regulated out-
put voltage of the buck regulator is above 90.5% (typical) of its
nominal output. When the regulated output voltage of the buck
regulator falls below 87.2% (typical) of its nominal output for a
delay time greater than approximately 50 µs, the PWRGx bit is
set to 0.
The output of the PWRGD pin is the logical AND of the internal
unmasked PWRGx signals. An internal PWRGx signal must be
high for a validation time of 1 ms before the PWRGD pin goes
high; if one PWRGx signal fails, the PWRGD pin goes low with no
delay. The channels that control the PWRGD pin (Channel 1 to
Channel 4) are specified by factory fuse or by setting the appro-
priate bits in Register 11 (PWRGD_MASK) via the I2C interface.
INTERRUPT FUNCTION
The ADP5050 provides an interrupt output (nINT pin) for fault
conditions. During normal operation, the nINT pin is pulled
high (an external pull-up resistor should be used). When a fault
condition occurs, the ADP5050 pulls the nINT pin low to alert
the I2C host processor that a fault condition has occurred.
Six interrupt sources can trigger the nINT pin. By default, no
interrupt sources are configured. To select one or more interrupt
sources to trigger the nINT pin, set the appropriate bits to 1 in
Register 15, INT_MASK (see Table 48).
When the nINT pin is triggered, one or more bits in Register 14
(Bits[5:0]) are set to 1. The fault condition that triggered the nINT
pin can be read from Register 14, INT_STATUS (see Table 12).
Table 12. Fault Conditions for Device Interrupt (Register 14)
Interrupt
Description
TEMP_INT
Junction temperature has exceeded the con-
figured threshold (selected in Register 9)
LVIN_INT
PVIN1 voltage has fallen below the configured
threshold (selected in Register 9)
PWRG4_INT
Power-good failure detected on Channel 4
PWRG3_INT
Power-good failure detected on Channel 3
PWRG2_INT
Power-good failure detected on Channel 2
PWRG1_INT
Power-good failure detected on Channel 1
To clear an interrupt, write a 1 to the appropriate bit in Register 14
(INT_STATUS), take all ENx pins low, or reset the part using the
internal VDD power-on reset signal. Reading the interrupt or
writing a 0 to the bit does not clear the interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com