Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5050ACPZ-R7 Datasheet(PDF) 49 Page - Analog Devices

Part # ADP5050ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050ACPZ-R7 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADP5050ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
Data Sheet
ADP5050
Rev. 0 | Page 49 of 60
REGISTER 10: HICCUP_CFG (HICCUP CONFIGURATION), ADDRESS 0x0A
Register 10 is used to configure the SYNC/MODE pin as a synchronization input or output and to configure hiccup protection for each
channel. The default value for hiccup protection can be programmed by factory fuse (hiccup function enabled or disabled for all four
buck regulators).
Table 37. Register 10 Bit Assignments
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SYNC_OUT
Reserved
HICCUP4_OFF
HICCUP3_OFF
HICCUP2_OFF
HICCUP1_OFF
Table 38. HICCUP_CFG Register, Bit Function Descriptions
Bits
Bit Name
Access
Description
7
SYNC_OUT
R/W
The default value can be programmed by factory fuse.
0 = configure the SYNC/MODE pin as a clock synchronization input if a clock is connected (default).
1 = configure the SYNC/MODE pin as a clock synchronization output.
[6:4]
Reserved
R/W
Reserved.
3
HICCUP4_OFF
R/W
The default value can be programmed by factory fuse.
0 = enable hiccup protection for Channel 4.
1 = disable hiccup protection for Channel 4 (short-circuit protection is disabled automatically).
2
HICCUP3_OFF
R/W
The default value can be programmed by factory fuse.
0 = enable hiccup protection for Channel 3.
1 = disable hiccup protection for Channel 3 (short-circuit protection is disabled automatically).
1
HICCUP2_OFF
R/W
The default value can be programmed by factory fuse.
0 = enable hiccup protection for Channel 2.
1 = disable hiccup protection for Channel 2 (short-circuit protection is disabled automatically).
0
HICCUP1_OFF
R/W
The default value can be programmed by factory fuse.
0 = enable hiccup protection for Channel 1.
1 = disable hiccup protection for Channel 1 (short-circuit protection is disabled automatically).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com