Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5050ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5050ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP5050ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
Data Sheet
ADP5050
Rev. 0 | Page 5 of 60
SPECIFICATIONS
VIN = 12 V, VVREG = 5.1 V, TJ = −40°C to +125°C for minimum and maximum specifications, and TA = 25°C for typical specifications,
unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT SUPPLY VOLTAGE RANGE
VIN
4.5
15.0
V
PVIN1, PVIN2, PVIN3, PVIN4 pins
QUIESCENT CURRENT
PVIN1, PVIN2, PVIN3, PVIN4 pins
Operating Quiescent Current
IQ(4-BUCKS)
4.8
6.25
mA
No switching, all ENx pins high
ISHDN(4BUCKS+LDO)
25
65
µA
All ENx pins low
UNDERVOLTAGE LOCKOUT
UVLO
PVIN1, PVIN2, PVIN3, PVIN4 pins
Rising Threshold
VUVLO-RISING
4.2
4.36
V
Falling Threshold
VUVLO-FALLING
3.6
3.78
V
Hysteresis
VHYS
0.42
V
OSCILLATOR CIRCUIT
Switching Frequency
fSW
700
740
780
kHz
RT = 25.5 kΩ
Switching Frequency Range
250
1400
kHz
SYNC Input
Input Clock Range
fSYNC
250
1400
kHz
Input Clock Pulse Width
Minimum On Time
tSYNC_MIN_ON
100
ns
Minimum Off Time
tSYNC_MIN_OFF
100
ns
Input Clock High Voltage
VH(SYNC)
1.3
V
Input Clock Low Voltage
VL(SYNC)
0.4
V
SYNC Output
Clock Frequency
fCLK
fSW
kHz
Positive Pulse Duty Cycle
tCLK_PULSE_DUTY
50
%
Rise or Fall Time
tCLK_RISE_FALL
10
ns
High Level Voltage
VH(SYNC_OUT)
VVREG
V
PRECISION ENABLING
EN1, EN2, EN3, EN4, EN5 pins
High Level Threshold
VTH_H(EN)
0.806
0.832
V
Low Level Threshold
VTH_L(EN)
0.688
0.725
V
Pull-Down Resistor
RPULL-DOWN(EN)
1.0
MΩ
POWER GOOD
Internal Power-Good Rising Threshold
VPWRGD(RISE)
86.3
90.5
95
%
Internal Power-Good Hysteresis
VPWRGD(HYS)
3.3
%
Internal Power-Good Falling Delay
tPWRGD_FALL
50
µs
Rising Delay for PWRGD Pin
tPWRGD_PIN_RISE
1
ms
Leakage Current for PWRGD Pin
IPWRGD_LEAKAGE
0.1
1
µA
Output Low Voltage for PWRGD Pin
VPWRGD_LOW
50
100
mV
IPWRGD = 1 mA
LOGIC INPUTS (SCL AND SDA PINS)
VDDIO = 3.3 V
High Level Threshold
VLOGIC_HIGH
0.7 ×VDDIO
V
Low Level Threshold
VLOGIC_LOW
0.3 ×VDDIO
V
LOGIC OUTPUTS
Low Level Output Voltage
SDA Pin
VSDA_LOW
0.4
V
VDDIO = 3.3 V, ISDA = 3 mA
nINT Pin
VnINT_LOW
0.4
V
InINT = 3 mA
INTERNAL REGULATORS
VDD Output Voltage
VVDD
3.2
3.305
3.4
V
IVDD = 10 mA
VDD Current Limit
ILIM_VDD
20
51
80
mA
VREG Output Voltage
VVREG
4.9
5.1
5.3
V
VREG Dropout Voltage
VDROPOUT
225
mV
IVREG = 50 mA
VREG Current Limit
ILIM_VREG
50
95
140
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com