Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5050ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP5050ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP5050ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
ADP5050
Data Sheet
Rev. 0 | Page 18 of 60
CH3 1.00V BW
CH1 10.0V BW
CH4 1.00A Ω BW
CH2 5.00V BW
M400µs
A CH2
2.80V
1
4
2
3
VIN
VOUT
EN
IOUT
Figure 35. Startup with Precharged Output, VIN = 12 V, VOUT = 3.3 V
CH3 5.00V BW
CH1 500mV BW
CH4
5.00A Ω BW
CH2 5.00V BW
M10.0ms
A CH1
650mV
1
4
2
3
VOUT
IOUT
EN
PWRGD
Figure 36. Channel 1/Channel 2 Shutdown with Active Output Discharge,
VIN = 12 V, VOUT = 1.2 V, fSW = 600 kHz, L = 1 µH, COUT = 47 µF × 2
CH1 500mV BW
CH4 5.00A Ω
CH2 10.00V BW M10.0ms A CH1
970mV
1
4
2
VOUT
IOUT
SW
Figure 37. Short-Circuit Protection Entry, VIN = 12 V, VOUT = 1.2 V,
fSW = 600 kHz, L = 1 µH, COUT = 47 µF × 2
CH1 500mV BW
CH4 5.00A Ω BW
CH2 10.0V BW
M10.0ms
A CH1
970mV
1
4
2
VOUT
IOUT
SW
Figure 38. Short-Circuit Protection Recovery, VIN = 12 V, VOUT = 1.2 V,
fSW = 600 kHz, L = 1 µH, COUT = 47 µF × 2
CH2 200mV BW
M200µs
A CH2
1.21V
2
VOUT
Figure 39. Channel 1 Dynamic Voltage Scaling (DVS) from 1.1 V to 1.3 V,
62.5 µs Interval, VIN = 12 V, IOUT = 4 A, fSW = 600 kHz, L = 1 µH, COUT = 47 µF × 2
CH2 200mV BW
M200µs
A CH2
1.18V
2
VOUT
Figure 40. Channel 1 Dynamic Voltage Scaling (DVS) from 1.3 V to 1.1 V,
62.5 µs Interval, VIN = 12 V, IOUT = 4 A, fSW = 600 kHz, L = 1 µH, COUT = 47 µF × 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com