Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5050ACPZ-R7 Datasheet(PDF) 51 Page - Analog Devices

Part # ADP5050ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050ACPZ-R7 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADP5050ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
Data Sheet
ADP5050
Rev. 0 | Page 51 of 60
REGISTER 12: LCH_STATUS (LATCH-OFF STATUS READBACK), ADDRESS 0x0C
Register 12 contains latched fault flags for thermal shutdown and channel latch-off caused by an OVP or SCP condition. Latched flags are not
reset when the fault disappears but are cleared only when a 1 is written to the appropriate bit (provided that the fault no longer persists).
Table 41. Register 12 Bit Assignments
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
TSD_LCH
CH4_LCH
CH3_LCH
CH2_LCH
CH1_LCH
Table 42. LCH_STATUS Register, Bit Function Descriptions
Bits
Bit Name
Access
Description
[7:5]
Reserved
R/W
Reserved.
4
TSD_LCH
Read/
self-clear
0 = no thermal shutdown has occurred.
1 = thermal shutdown has occurred.
3
CH4_LCH
Read/
self-clear
0 = no short-circuit or overvoltage latch-off has occurred on Channel 4.
1 = short-circuit or overvoltage latch-off has occurred on Channel 4.
2
CH3_LCH
Read/
self-clear
0 = no short-circuit or overvoltage latch-off has occurred on Channel 3.
1 = short-circuit or overvoltage latch-off has occurred on Channel 3.
1
CH2_LCH
Read/
self-clear
0 = no short-circuit or overvoltage latch-off has occurred on Channel 2.
1 = short-circuit or overvoltage latch-off has occurred on Channel 2.
0
CH1_LCH
Read/
self-clear
0 = no short-circuit or overvoltage latch-off has occurred on Channel 1.
1 = short-circuit or overvoltage latch-off has occurred on Channel 1.
REGISTER 13: STATUS_RD (STATUS READBACK), ADDRESS 0x0D
The read-only Register 13 indicates the real-time status of the power-good signals for Channel 1 to Channel 4.
Table 43. Register 13 Bit Assignments
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
PWRG4
PWRG3
PWRG2
PWRG1
Table 44. STATUS_RD Register, Bit Function Descriptions
Bits
Bit Name
Access
Description
[7:4]
Reserved
R
Reserved.
3
PWRG4
R
0 = Channel 4 power-good status is low (default).
1 = Channel 4 power-good status is high.
2
PWRG3
R
0 = Channel 3 power-good status is low (default).
1 = Channel 3 power-good status is high.
1
PWRG2
R
0 = Channel 2 power-good status is low (default).
1 = Channel 2 power-good status is high.
0
PWRG1
R
0 = Channel 1 power-good status is low (default).
1 = Channel 1 power-good status is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com