Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5050ACPZ-R7 Datasheet(PDF) 52 Page - Analog Devices

Part # ADP5050ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050ACPZ-R7 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADP5050ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
ADP5050
Data Sheet
Rev. 0 | Page 52 of 60
REGISTER 14: INT_STATUS (INTERRUPT STATUS
READBACK), ADDRESS 0x0E
Register 14 contains the interrupt status for the following events:
junction temperature overheat warning, low input voltage warn-
ing, and power-good signal failure on Channel 1 to Channel 4.
When any of these unmasked events occur, the nINT pin is
pulled low to indicate a fault condition. (Masking of these events
is configured in Register 15.) To determine the cause of the fault,
read this register. Latched flags are not reset when the fault dis-
appears but are cleared only when a 1 is written to the appropriate
bit or when all ENx pins = 0.
Table 45. Register 14 Bit Assignments
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
TEMP_INT
LVIN_INT
PWRG4_INT
PWRG3_INT
PWRG2_INT
PWRG1_INT
Table 46. INT_STATUS Register, Bit Function Descriptions
Bits
Bit Name
Access
Description
[7:6]
Reserved
R/W
Reserved.
5
TEMP_INT
Read/
self-clear
This bit indicates whether the junction temperature threshold has been exceeded.
0 = junction temperature has not exceeded the threshold.
1 = junction temperature has exceeded the threshold.
4
LVIN_INT
Read/
self-clear
This bit indicates whether the low voltage input threshold has been exceeded.
0 = low voltage input has not fallen below the threshold.
1 = low voltage input has fallen below the threshold.
3
PWRG4_INT
Read/
self-clear
The power-good interrupt is masked when the part is initialized and during a normal shutdown.
0 = no power-good failure has been detected on Channel 4.
1 = power-good failure has been detected on Channel 4.
2
PWRG3_INT
Read/
self-clear
The power-good interrupt is masked when the part is initialized and during a normal shutdown.
0 = no power-good failure has been detected on Channel 3.
1 = power-good failure has been detected on Channel 3.
1
PWRG2_INT
Read/
self-clear
The power-good interrupt is masked when the part is initialized and during a normal shutdown.
0 = no power-good failure has been detected on Channel 2.
1 = power-good failure has been detected on Channel 2.
0
PWRG1_INT
Read/
self-clear
The power-good interrupt is masked when the part is initialized and during a normal shutdown.
0 = no power-good failure has been detected on Channel 1.
1 = power-good failure has been detected on Channel 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com