Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5050ACPZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADP5050ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050ACPZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADP5050ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
ADP5050
Data Sheet
Rev. 0 | Page 32 of 60
COMPENSATION COMPONENTS DESIGN
For the peak current-mode control architecture, the power
stage can be simplified as a voltage controlled current source
that supplies current to the output capacitor and load resistor.
The simplified loop is composed of one domain pole and a zero
contributed by the output capacitor ESR. The control-to-output
transfer function is shown in the following equations:
×
π
×
+
×
π
×
+
×
×
=
=
p
z
VI
COMP
OUT
vd
f
s
f
s
R
A
s
V
s
V
s
G
2
1
2
1
)
(
)
(
)
(
OUT
ESR
z
C
R
f
×
×
π
×
=
2
1
(
)
OUT
ESR
p
C
R
R
f
×
+
×
π
×
=
2
1
where:
AVI = 10 A/V for Channel 1 or Channel 2, and 3.33 A/V for
Channel 3 or Channel 4.
R is the load resistance.
RESR is the equivalent series resistance of the output capacitor.
COUT is the output capacitance.
The ADP5050 uses a transconductance amplifier as the error
amplifier to compensate the system. Figure 61 shows the sim-
plified peak current-mode control small signal circuit.
RESR
R
+
–
g
m
RC
CCP
COUT
CC
RTOP
RBOT
–
+
AVI
VOUT
VCOMP
VOUT
Figure 61. Simplified Peak Current-Mode Control Small Signal Circuit
The compensation components, RC and CC, contribute a zero;
RC and the optional CCP contribute an optional pole.
The closed-loop transfer equation is as follows:
)
(
1
1
)
(
s
G
s
C
C
C
C
R
s
s
C
R
C
C
g
R
R
R
s
T
vd
CP
C
CP
C
C
C
C
CP
C
m
TOP
BOT
BOT
V
×
×
+
×
×
+
×
×
×
+
×
+
−
×
+
=
The following guidelines show how to select the compensation
components—RC, CC, and CCP—for ceramic output capacitor
applications.
1. Determine the cross frequency (fC). Generally, fC is between
fSW/12 and fSW/6.
2. Calculate RC using the following equation:
VI
m
C
OUT
OUT
C
A
g
f
C
V
R
×
×
×
×
×
π
×
=
V
8
.
0
2
3. Place the compensation zero at the domain pole (fP).
Calculate CC using the following equation:
(
)
C
OUT
ESR
C
R
C
R
R
C
×
+
=
4. CCP is optional. It can be used to cancel the zero caused
by the ESR of the output capacitor. Calculate CCP using
the following equation:
C
OUT
ESR
CP
R
C
R
C
×
=
POWER DISSIPATION
The total power dissipation in the ADP5050 simplifies to
PD = PBUCK1 + PBUCK2 + PBUCK3 + PBUCK4 + PLDO
Buck Regulator Power Dissipation
The power dissipation (PLOSS) for each buck regulator includes
power switch conduction losses (PCOND), switching losses (PSW),
and transition losses (PTRAN). Other sources of power dissipation
exist, but these sources are generally less significant at the high
output currents of the application thermal limit.
Use the following equation to estimate the power dissipation of
the buck regulator:
PLOSS = PCOND + PSW + PTRAN
Power Switch Conduction Loss (PCOND)
Power switch conduction losses are caused by the flow of output
current through both the high-side and low-side power switches,
each of which has its own internal on resistance (RDSON).
Use the following equation to estimate the power switch
conduction loss:
PCOND = (RDSON_HS × D + RDSON_LS × (1 − D)) × IOUT2
where:
RDSON_HS is the on resistance of the high-side MOSFET.
RDSON_LS is the on resistance of the low-side MOSFET.
D is the duty cycle (D = VOUT/VIN).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com