Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5050ACPZ-R7 Datasheet(PDF) 44 Page - Analog Devices

Part # ADP5050ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050ACPZ-R7 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADP5050ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
ADP5050
Data Sheet
Rev. 0 | Page 44 of 60
REGISTER 5: DVS_CFG (DVS CONFIGURATION FOR CHANNEL 1 AND CHANNEL 4), ADDRESS 0x05
Register 5 is used to configure dynamic voltage scaling (DVS) for Channel 1 and Channel 4 (see the Dynamic Voltage Scaling (DVS) section).
Table 27. Register 5 Bit Assignments
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
DVS4_ON
DVS4_INTVAL[1:0]
Reserved
DVS1_ON
DVS1_INTVAL[1:0]
Table 28. DVS_CFG Register, Bit Function Descriptions
Bits
Bit Name
Access
Description
7
Reserved
R/W
Reserved.
6
DVS4_ON
R/W
0 = disable DVS for Channel 4 (default).
1 = enable DVS for Channel 4.
[5:4]
DVS4_INTVAL[1:0]
R/W
These bits configure the DVS interval for Channel 4.
00 = 62.5 µs (default).
01 = 31.2 µs.
10 = 15.6 µs.
11 = 7.8 µs.
3
Reserved
R/W
Reserved.
2
DVS1_ON
R/W
0 = disable DVS for Channel 1 (default).
1 = enable DVS for Channel 1.
[1:0]
DVS1_INTVAL[1:0]
R/W
These bits configure the DVS interval for Channel 1.
00 = 62.5 µs (default).
01 = 31.2 µs.
10 = 15.6 µs.
11 = 7.8 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com