Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5050ACPZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADP5050ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050ACPZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADP5050ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
Data Sheet
ADP5050
Rev. 0 | Page 35 of 60
SELECTING THE OUTPUT CAPACITOR
The output capacitor must meet the output voltage ripple and
load transient requirements. To meet the output voltage ripple
requirement, use the following equations to calculate the ESR
and capacitance:
RIPPLE
OUT
SW
L
RIPPLE
OUT
V
f
I
C
_
_
8
∆
×
×
∆
=
L
RIPPLE
OUT
ESR
I
V
R
∆
∆
=
_
The calculated capacitance, COUT_RIPPLE, is 20.8 µF, and the
calculated RESR is 10 mΩ.
To meet the ±5% overshoot and undershoot requirements,
use the following equations to calculate the capacitance:
(
)
UV
OUT
OUT
IN
STEP
UV
UV
OUT
V
V
V
L
I
K
C
_
2
_
2
∆
×
−
×
×
∆
×
=
(
)
2
2
2
_
OUT
OUT_OV
OUT
STEP
OV
OV
OUT
V
V
V
L
I
K
C
−
∆
+
×
∆
×
=
For estimation purposes, use KOV = KUV = 2; therefore,
COUT_OV = 117 µF and COUT_UV = 13.3 µF.
The ESR of the output capacitor must be less than 13.3 mΩ,
and the output capacitance must be greater than 117 µF. It is
recommended that three ceramic capacitors be used (47 µF,
X5R, 6.3 V), such as the GRM21BR60J476ME15 from Murata
with an ESR of 2 mΩ.
SELECTING THE LOW-SIDE MOSFET
A low RDSON N-channel MOSFET must be selected for high
efficiency solutions. The MOSFET breakdown voltage (VDS)
must be greater than 1.2 × VIN, and the drain current must be
greater than 1.2 × ILIMIT_MAX.
It is recommended that a 20 V, dual N-channel MOSFET—such
as the Si7232DN from Vishay—be used for both Channel 1 and
Channel 2. The RDSON of the Si7232DN at 4.5 V driver voltage is
16.4 mΩ, and the total gate charge is 12 nC.
DESIGNING THE COMPENSATION NETWORK
For better load transient and stability performance, set the cross
frequency, fC, to fSW/10. In this example, fSW is set to 600 kHz;
therefore, fC is set to 60 kHz.
For the 1.2 V output rail, the 47 µF ceramic output capacitor has
a derated value of 40 µF.
Ω
=
×
µ
×
×
µ
×
×
×
π
×
=
k
4
.
14
A/V
10
S
470
V
8
.
0
kHz
60
F
40
3
V
2
.
1
2
C
R
(
)
nF
51
.
2
k
4
.
14
F
40
3
001
.
0
3
.
0
=
Ω
µ
×
×
Ω
+
Ω
=
C
C
pF
3
.
8
k
4
.
14
F
40
3
001
.
0
=
Ω
µ
×
×
Ω
=
CP
C
Choose standard components: RC = 15 kΩ and CC = 2.7 nF.
CCP is optional.
Figure 62 shows the Bode plot for the 1.2 V output rail.
The cross frequency is 62 kHz, and the phase margin is 58°.
Figure 63 shows the load transient waveform.
100
–100
–80
–60
–40
–20
0
20
40
60
80
120
–180
–150
–120
–90
–60
–30
0
30
60
90
1k
10k
100k
1M
FREQUENCY (Hz)
CROSS FREQUENCY: 62kHz
PHASE MARGIN: 58°
Figure 62. Bode Plot for 1.2 V Output
CH1 50.0mV
B
W
CH4 2.00A Ω BW
M200µs
A CH4
2.32A
1
4
VOUT
IOUT
Figure 63. 0.8 A to 3.2 A Load Transient for 1.2 V Output
SELECTING THE SOFT START TIME
The soft start feature allows the output voltage to ramp up in a
controlled manner, eliminating output voltage overshoot during
soft start and limiting the inrush current.
The SS12 pin can be used to program a soft start time of 2 ms,
4 ms, or 8 ms and can also be used to configure parallel opera-
tion of Channel 1 and Channel 2. For more information, see the
Soft Start section and Table 10.
SELECTING THE INPUT CAPACITOR
For the input capacitor, select a ceramic capacitor with a mini-
mum value of 10 µF; place the input capacitor close to the PVIN1
pin. In this example, one 10 µF, X5R, 25 V ceramic capacitor is
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com