Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5050ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP5050ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP5050ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
ADP5050
Data Sheet
Rev. 0 | Page 4 of 60
DETAILED FUNCTIONAL BLOCK DIAGRAM
Q1
QDG1
QPWRGD
QDG3
UVLO1
PVIN1
SW1
BST1
VREG
VREG
DRIVER
DRIVER
PGND
DL1
CONTROL LOGIC
AND MOSFET
DRIVER WITH
ANTICROSS
PROTECTION
CONTROL LOGIC
AND MOSFET
DRIVER WITH
ANTICROSS
PROTECTION
EN1
0.8V
1MΩ
HICCUP
AND
LATCH-OFF
OCP
COMP1
FB1
0.8V
CLK1
SLOPE
COMP
CLK1
0.72V
PWRGD1
ZERO
CROSS
CURRENT-LIMIT
SELECTION
FREQUENCY
FOLDBACK
+
–
+
–
+
–
–
+
+
–
+
–
+
–
CHANNEL 1 BUCK REGULATOR
DUPLICATE CHANNEL 1
CHANNEL 2 BUCK REGULATOR
CURRENT BALANCE
EN2
COMP2
FB2
DL2
PVIN2
SW2
BST2
VID1
0.99V
OVP
LATCH-OFF
EA1
CMP1
RT
OSCILLATOR
SYNC/MODE
SOFT START
DECODER
SS12
SS34
VDD
VREG
INTERNAL
REGULATOR
PVIN1
VDDIO
SCL
SDA
I2C
INTERFACE
AND
REGISTERS
VREG
POWER-ON
RESET
PWRGD
HOUSEKEEPING
LOGIC
nINT
UVLO3
PVIN3
SW3
BST3
VREG
VREG
DRIVER
Q3
Q4
DRIVER
PGND3
EN3
COMP3
FB3
CHANNEL 3 BUCK REGULATOR
DUPLICATE CHANNEL 3
CHANNEL 4 BUCK REGULATOR
EN4
COMP4
FB4
PGND4
PVIN4
SW4
BST4
ACS1
+
–
–
+
ACS3
Q7
PVIN5
VOUT5
EN5
LDO
CONTROL
FB5
0.5V
CHANNEL 5 LDO REGULATOR
0.8V
1MΩ
+
–
0.8V
1MΩ
HICCUP
AND
LATCH-OFF
OCP
0.8V
CLK3
SLOPE
COMP
CLK3
0.72V
PWRGD3
FREQUENCY
FOLDBACK
+
–
+
–
+
–
–
+
+
–
+
–
VID3
0.99V
OVP
LATCH-OFF
EA3
CMP3
ZERO
CROSS
EA5
Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com