Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5050ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP5050ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP5050ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
Data Sheet
ADP5050
Rev. 0 | Page 17 of 60
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
PVIN5 = 4.0V; IOUT = 1mA
PVIN5 = 3.6V, IOUT = 1mA
PVIN5 = 4.0V, IOUT = 100mA
PVIN5 = 3.6V, IOUT = 100mA
PVIN5 = 4.0V, IOUT = 200mA
PVIN5 = 3.6V, IOUT = 200mA
Figure 29. Channel 5 (LDO Regulator) PSRR over Various Loads
and Dropout Voltages, VOUT = 3.3 V, COUT = 1 µF
CH1 5.00V CH2 10.0mV
B
W
M1.00µs
A CH1
7.40V
2
1
VOUT
SW
Figure 30. Steady State Waveform at Heavy Load, VIN = 12 V, VOUT = 3.3 V,
IOUT = 3 A, fSW = 600 kHz, L = 4.7 µH, COUT = 47 µF × 2, FPWM Mode
CH1 5.00V CH2 50.0mV
B
W
M100µs
A CH1
11.0mV
2
1
VOUT
SW
Figure 31. Steady State Waveform at Light Load, VIN = 12 V, VOUT = 3.3 V,
IOUT = 30 mA, fSW = 600 kHz, L = 4.7 µH, COUT = 47 µF × 2,
Automatic PWM/PSM Mode
CH1 50.0mV
B
W
CH4 2.00A Ω
M100µs
A CH1
–22.0mV
1
4
VOUT
IOUT
Figure 32. Channel 1/Channel 2 Load Transient, 1 A to 4 A, VIN = 12 V,
VOUT = 3.3 V, fSW = 600 kHz, L = 2.2 µH, COUT = 47 µF × 2
CH3 2.00A Ω BW CH4 2.00A Ω B
W
CH2 100mV
B
W M100µs A CH2
–56.0mV
2
4
VOUT
IOUT2
IOUT1
Figure 33. Load Transient, Channel 1/Channel 2 Parallel Output, 0 A to 6 A,
VIN = 12 V, VOUT = 3.3 V, fSW = 600 kHz, L = 4.7 µH, COUT = 47 µF × 4
CH1 500mV BW
CH2 5.00V
CH3 5.00V
B
W
CH4 2.00A Ω
M1.00ms
A CH1
650mV
1
3
2
4
VOUT
IOUT
EN
PWRGD
Figure 34. Channel 1/Channel 2 Soft Start with 4 A Resistance Load,
VIN = 12 V, VOUT = 1.2 V, fSW = 600 kHz, L = 1 µH, COUT = 47 µF × 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com