Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5050ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP5050ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP5050ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
ADP5050
Data Sheet
Rev. 0 | Page 24 of 60
CURRENT-LIMIT PROTECTION
The buck regulators in the ADP5050 include peak current-limit
protection circuitry to limit the amount of positive current flowing
through the high-side MOSFET. The peak current limit on the
power switch limits the amount of current that can flow from the
input to the output. The programmable current-limit threshold
feature allows for the use of small size inductors for low current
applications.
To configure the current-limit threshold for Channel 1, connect
a resistor from the DL1 pin to ground; to configure the current-
limit threshold for Channel 2, connect another resistor from the
DL2 pin to ground. Table 11 lists the peak current-limit threshold
settings for Channel 1 and Channel 2.
Table 11. Peak Current-Limit Threshold Settings
for Channel 1 and Channel 2
RILIM1 or RILIM2
Typical Peak Current-Limit Threshold
Floating
4.4 A
47 kΩ
2.63 A
22 kΩ
6.44 A
The buck regulators in the ADP5050 include negative current-
limit protection circuitry to limit certain amounts of negative
current flowing through the low-side MOSFET.
FREQUENCY FOLDBACK
The buck regulators in the ADP5050 include frequency fold-
back to prevent output current runaway when a hard short
occurs on the output. Frequency foldback is implemented
as follows:
If the voltage at the FBx pin falls below half the target
output voltage, the switching frequency is reduced by half.
If the voltage at the FBx pin falls again to below one-fourth
the target output voltage, the switching frequency is reduced
to half its current value, that is, to one-fourth of fSW.
The reduced switching frequency allows more time for the
inductor current to decrease, but also increases the ripple cur-
rent during peak current regulation. This results in a reduction
in average current and prevents output current runaway.
Pulse Skip Mode Under Maximum Duty Cycle
Under maximum duty cycle conditions, frequency foldback
maintains the output in regulation. If the maximum duty cycle
is reached—for example, when the input voltage decreases—the
PWM modulator skips every other PWM pulse, resulting in a
switching frequency foldback of one-half. If the duty cycle increases
further, the PWM modulator skips two of every three PWM pulses,
resulting in a switching frequency foldback to one-third of the
switching frequency. Frequency foldback increases the effective
maximum duty cycle, thereby decreasing the dropout voltage
between the input and output voltages.
HICCUP PROTECTION
The buck regulators in the ADP5050 include a hiccup mode for
overcurrent protection (OCP). When the peak inductor current
reaches the current-limit threshold, the high-side MOSFET turns
off and the low-side MOSFET turns on until the next cycle.
When hiccup mode is active, the overcurrent fault counter is
incremented. If the overcurrent fault counter reaches 15 and
overflows (indicating a short-circuit condition), both the high-
side and low-side MOSFETs are turned off. The buck regulator
remains in hiccup mode for a period equal to seven soft start
cycles and then attempts to restart from soft start. If the short-
circuit fault has cleared, the regulator resumes normal operation;
otherwise, it reenters hiccup mode after the soft start.
Hiccup protection is masked during the initial soft start cycle to
enable startup of the buck regulator under heavy load conditions.
Note that careful design and proper component selection are
required to ensure that the buck regulator recovers from hiccup
mode under heavy loads. The HICCUPx_OFF bits in Register 10
can be used to disable hiccup protection for each buck regulator.
When hiccup protection is disabled, the frequency foldback feature
is still available for overcurrent protection.
LATCH-OFF PROTECTION
The buck regulators in the ADP5050 have an optional latch-off
mode to protect the device from serious problems such as short-
circuit and overvoltage conditions. Latch-off mode can be enabled
via the I2C interface or by factory fuse.
Short-Circuit Latch-Off Mode
Short-circuit latch-off mode is enabled by factory fuse or by writing
a 1 to the SCPx_ON bit in Register 7, LCH_CFG. When short-
circuit latch-off mode is enabled and the protection circuit detects
an overcurrent status after a soft start, the buck regulator enters
hiccup mode and attempts to restart. If seven continuous restart
attempts are made and the regulator remains in the fault condition,
the regulator is shut down. This shutdown (latch-off) condition is
cleared only by reenabling the channel or by resetting the channel
power supply.
Figure 52 shows the short-circuit latch-off detection function.
OUTPUT
VOLTAGE
TIME
LATCH-OFF
CHx_LCH
LATCH OFF
THIS
REGULATOR
SHORT CIRCUIT DETECTED
BY COUNTER OVERFLOW
PWRGD
7 ×
tSS
SCP LATCH-OFF
FUNCTION ENABLED AFTER
7 RESTART ATTEMPTS
WRITE 1
TO
CHx_LCH BIT
ATTEMPT TO
RESTART
Figure 52. Short-Circuit Latch-Off Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com