Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5050ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP5050ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP5050ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
5-Channel Integrated Power Solution with Quad
Buck Regulators and 200 mA LDO Regulator
Data Sheet
ADP5050
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Wide input voltage range: 4.5 V to 15 V
±1.5% output accuracy over full temperature range
250 kHz to 1.4 MHz adjustable switching frequency
Adjustable/fixed output options via factory fuse or I2C interface
I2C interface with interrupt on fault conditions
Power regulation
Channel 1 and Channel 2: programmable 1.2 A/2.5 A/4 A
sync buck regulators with low-side FET driver
Channel 3 and Channel 4: 1.2 A sync buck regulators
Channel 5: 200 mA low dropout (LDO) regulator
Single 8 A output (Channel 1 and Channel 2 operated in parallel)
Dynamic voltage scaling (DVS) for Channel 1 and Channel 4
Precision enable with 0.8 V accurate threshold
Active output discharge switch
Programmable phase shift in 90° steps
Individual channel FPWM/PSM mode selection
Frequency synchronization input or output
Optional latch-off protection on OVP/OCP failure
Power-good flag on selected channels
Low input voltage detection
Overheat detection on junction temperature
UVLO, OCP, and TSD protection
48-lead, 7 mm × 7 mm LFCSP package
−40°C to +125°C junction temperature
APPLICATIONS
Small cell base stations
FPGA and processor applications
Security and surveillance
Medical applications
TYPICAL APPLICATION CIRCUIT
CHANNEL 2
BUCK REGULATOR
(1.2A/2.5A/4A)
CHANNEL 3
BUCK REGULATOR
(1.2A)
OSCILLATOR
INT VREG
100mA
Q1
Q2
L1
L2
VREG
SYNC/MODE
RT
FB1
BST1
SW1
DL1
PGND
DL2
SW2
BST2
FB2
L3
BST3
SW3
FB3
PGND3
ALERT
L4
BST4
SW4
FB4
PGND4
nINT
VREG
PVIN1
COMP1
EN1
PVIN2
COMP2
EN2
PVIN3
SS34
COMP3
EN3
VDDIO
PVIN4
COMP4
EN4
SCL
SDA
C2
C1
C4
C3
C5
C6
C7
C8
C9
C10
C11
C12
C13
4.5V TO 15V
VOUT1
VOUT2
VOUT3
VOUT4
RILIM1
RILIM2
I2C
PWRGD
VREG
EXPOSED PAD
SS12
C0
VDD
CHANNEL 5
200mA LDO
REGULATOR
FB5
PVIN5
EN5
VOUT5
C14
C15
VOUT5
1.7V TO 5.5V
ADP5050
CHANNEL 1
BUCK REGULATOR
(1.2A/2.5A/4A)
CHANNEL 4
BUCK REGULATOR
(1.2A)
Figure 1.
GENERAL DESCRIPTION
The ADP5050 combines four high performance buck regulators
and one 200 mA low dropout (LDO) regulator in a 48-lead LFCSP
package that meets demanding performance and board space
requirements. The device enables direct connection to high input
voltages up to 15 V with no preregulators.
Channel 1 and Channel 2 integrate high-side power MOSFETs and
low-side MOSFET drivers. External NFETs can be used in low-side
power devices to achieve an efficiency optimized solution and
deliver a programmable output current of 1.2 A, 2.5 A, or 4 A.
Combining Channel 1 and Channel 2 in a parallel configuration
can provide a single output with up to 8 A of current.
Channel 3 and Channel 4 integrate both high-side and low-side
MOSFETs to deliver output current of 1.2 A.
The switching frequency of the ADP5050 can be programmed
or synchronized to an external clock. The ADP5050 contains a
precision enable pin on each channel for easy power-up sequencing
or adjustable UVLO threshold.
The ADP5050 integrates a general-purpose LDO regulator with
low quiescent current and low dropout voltage that provides up
to 200 mA of output current.
The optional I2C interface provides the user with flexible
configuration options, including adjustable and fixed output
voltage options, junction temperature overheat warning, low
input voltage detection, and dynamic voltage scaling (DVS).


Similar Part No. - ADP5050ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5050 AD-ADP5050 Datasheet
1Mb / 37P
Integrated Power Solution with Quad Buck
Rev. B
More results

Similar Description - ADP5050ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
200 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
200 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
200 mA CMOS LDO Regulators
logo
Analog Devices
ADP5052 AD-ADP5052 Datasheet
1Mb / 40P
5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
REV. 0
ADP5054 AD-ADP5054 Datasheet
712Kb / 31P
Quad Buck Regulator Integrated Power Solution
REV. B
ADP5053 AD-ADP5053 Datasheet
1Mb / 37P
Integrated Power Solution with Quad Buck
Rev. B
ADP5014 AD-ADP5014 Datasheet
827Kb / 34P
Integrated Power Solution with Quad Low Noise Buck Regulators
8/2019-Rev. 0 to Rev. A
ADP5056 AD-ADP5056 Datasheet
962Kb / 31P
Triple Buck Regulator Integrated Power Solution
5/2020-Revision 0
LT3383 AD-LT3383 Datasheet
1,011Kb / 18P
Multioutput Power Management Solution with Four Buck Switching and Three LDO Linear Regulators
09/21-REV.A
ADP5310 AD-ADP5310 Datasheet
795Kb / 28P
3-Channel, Integrated Ultralow Power Solution with Dual Buck Regulators and Load Switch
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com