Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5050ACPZ-R7 Datasheet(PDF) 43 Page - Analog Devices

Part # ADP5050ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050ACPZ-R7 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADP5050ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
Data Sheet
ADP5050
Rev. 0 | Page 43 of 60
REGISTER 3: VID23 (VID SETTING FOR CHANNEL 2 AND CHANNEL 3), ADDRESS 0x03
Register 3 is used to set the output voltage for Channel 2 and Channel 3.
Table 23. Register 3 Bit Assignments
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
VID3[2:0]
Reserved
VID2[2:0]
Table 24. VID23 Register, Bit Function Descriptions
Bits
Bit Name
Access
Description
7
Reserved
R/W
Reserved.
[6:4]
VID3[2:0]
R/W
These bits set the output voltage for Channel 3. The default value is programmed by factory fuse.
000 = 0.8 V (adjustable).
001 = 1.2 V.
010 = 1.3 V.
011 = 1.4 V.
100 = 1.5 V.
101 = 1.6 V.
110 = 1.7 V.
111 = 1.8 V.
3
Reserved
R/W
Reserved.
[2:0]
VID2[2:0]
R/W
These bits set the output voltage for Channel 2. The default value is programmed by factory fuse.
000 = 0.8 V (adjustable).
001 = 3.3 V.
010 = 3.6 V.
011 = 3.9 V.
100 = 4.2 V.
101 = 4.5 V.
110 = 4.8 V.
111 = 5.0 V.
REGISTER 4: VID4 (VID SETTING FOR CHANNEL 4), ADDRESS 0x04
Register 4 is used to set the output voltage for Channel 4.
Table 25. Register 4 Bit Assignments
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
VID4[4:0]
Table 26. VID4 Register, Bit Function Descriptions
Bits
Bit Name
Access
Description
[7:5]
Reserved
R/W
Reserved.
[4:0]
VID4[4:0]
R/W
These bits set the output voltage for Channel 4. The default value is programmed by factory fuse.
00000 = 0.8 V (adjustable).
00001 = 2.5 V.
00010 = 2.6 V.
…
00110 = 3.0 V.
…
10000 = 4.0 V.
…
11010 = 5.0 V.
…
11110 = 5.4 V.
11111 = 5.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com