Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5050ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP5050ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP5050ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
Data Sheet
ADP5050
Rev. 0 | Page 27 of 60
I2C INTERFACE
The ADP5050 includes an I2C-compatible serial interface for
control of the power management blocks and for readback of
system status (see Figure 57). The I2C interface operates at clock
frequencies of up to 400 kHz.
I2C
REGISTER
SCL
SDA
LEVEL
SHIFTER
VDDIO
VDD
VDDIO
UVLO_VDDIO
TRIM DATA
SCP/OVP
VDDIO
VDD
VDD
VDD
VDDIO
Figure 57. I2C Interface Block Diagram
Note that the ADP5050 does not respond to general calls. The
ADP5050 accepts multiple masters, but if the device is in read
mode, access is limited to one master until the data transmission
is completed.
The I2C serial interface can be used to access the internal registers
of the ADP5050. For complete information about the ADP5050
registers, see the Register Map section.
SDA AND SCL PINS
The ADP5050 has two dedicated I2C interface pins, SDA and
SCL. SDA is an open-drain line for receiving and transmitting
data. SCL is an input line for receiving the clock signal. Pull up
these pins to the VDDIO supply using external resistors.
Serial data is transferred on the rising edge of SCL. The read
data is generated at the SDA pin in read mode.
I2C ADDRESSES
The default 7-bit I2C chip address for the ADP5050 is 0x48
(1001000 in binary). A different I2C address can be configured
using the optional A0 pin, which can replace the power-good
functionality on Pin 20. (For information about obtaining an
ADP5050 model with Pin 20 functioning as the A0 pin, contact
your local Analog Devices sales or distribution representative.)
The A0 pin allows the use of two ADP5050 devices on the same
I2C communication bus. Figure 58 shows two ADP5050 devices
configured with different I2C addresses using the A0 pin.
SCL
VDDIO
I2C INTERFACE
I2C ADDRESS = 0x48
I2C ADDRESS = 0x49
A0
SDA
SCL
VDDIO
A0
VREG
SDA
Figure 58. Two ADP5050 Devices Configured with Different I2C Addresses
(A0 Function Replaces PWRGD Function on Pin 20)
SELF-CLEAR REGISTER BITS
Register 12 and Register 14 are status registers that contain self-
clear register bits. These bit are cleared automatically when a 1
is written to the status bit. Therefore, it is not necessary to write
a 0 to the status bit to clear it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com