Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5050ACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADP5050ACPZ-R7
Description  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050ACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADP5050ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP5050ACPZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
Data Sheet
ADP5050
Rev. 0 | Page 29 of 60
APPLICATIONS INFORMATION
ADIsimPower DESIGN TOOL
The ADP5050 is supported by the ADIsimPower™ design tool
set. ADIsimPower is a collection of tools that produce complete
power designs optimized for a specific design goal. The tools
enable the user to generate a full schematic and bill of materials
and to calculate performance in minutes. ADIsimPower can
optimize designs for cost, area, efficiency, and part count while
taking into consideration the operating conditions and limitations
of the IC and all real external components. The ADIsimPower
tool can be found at www.analog.com/ADIsimPower; the user
can request an unpopulated board through the tool.
PROGRAMMING THE ADJUSTABLE OUTPUT
VOLTAGE
The output voltage of the ADP5050 is externally set by a resistive
voltage divider from the output voltage to the FBx pin. To limit
the degradation of the output voltage accuracy due to feedback
bias current, ensure that the bottom resistor in the divider is not
too large—a value of less than 50 kΩ is recommended.
The equation for the output voltage setting is
VOUT = VREF × (1 + (RTOP/RBOT))
where:
VOUT is the output voltage.
VREF is the feedback reference voltage: 0.8 V for Channel 1 to
Channel 4 and 0.5 V for Channel 5.
RTOP is the feedback resistor from VOUT to FB.
RBOT is the feedback resistor from FB to ground.
No resistor divider is required in the fixed output options. Each
channel has VIDx bits to program the output voltage for a specific
range (see Table 9). If a different fixed output voltage (default
VID code) is required, contact your local Analog Devices sales
or distribution representative.
VOLTAGE CONVERSION LIMITATIONS
For a given input voltage, upper and lower limitations on the
output voltage exist due to the minimum on time and the
minimum off time.
The minimum output voltage for a given input voltage and
switching frequency is limited by the minimum on time. The
minimum on time for Channel 1 and Channel 2 is 117 ns
(typical); the minimum on time for Channel 3 and Channel 4
is 90 ns (typical). The minimum on time increases at higher
junction temperatures.
Note that in forced PWM mode, Channel 1 and Channel 2 can
potentially exceed the nominal output voltage when the mini-
mum on time limit is exceeded. Careful switching frequency
selection is required to avoid this problem.
The minimum output voltage in continuous conduction mode
(CCM) for a given input voltage and switching frequency can be
calculated using the following equation:
VOUT_MIN = VIN × tMIN_ON × fSW − (RDSON1 − RDSON2) ×
IOUT_MIN × tMIN_ON × fSW − (RDSON2 + RL) × IOUT_MIN
(1)
where:
VOUT_MIN is the minimum output voltage.
tMIN_ON is the minimum on time.
fSW is the switching frequency.
RDSON1 is the on resistance of the high-side MOSFET.
RDSON2 is the on resistance of the low-side MOSFET.
IOUT_MIN is the minimum output current.
RL is the resistance of the output inductor.
The maximum output voltage for a given input voltage and
switching frequency is limited by the minimum off time and
the maximum duty cycle. Note that the frequency foldback
feature helps to increase the effective maximum duty cycle by
lowering the switching frequency, thereby decreasing the dropout
voltage between the input and output voltages (see the Frequency
Foldback section).
The maximum output voltage for a given input voltage and switch-
ing frequency can be calculated using the following equation:
VOUT_MAX = VIN × (1 − tMIN_OFF × fSW) − (RDSON1 − RDSON2) ×
IOUT_MAX × (1 − tMIN_OFF × fSW) − (RDSON2 + RL) × IOUT_MAX
(2)
where:
VOUT_MAX is the maximum output voltage.
tMIN_OFF is the minimum off time.
fSW is the switching frequency.
RDSON1 is the on resistance of the high-side MOSFET.
RDSON2 is the on resistance of the low-side MOSFET.
IOUT_MAX is the maximum output current.
RL is the resistance of the output inductor.
As shown in Equation 1 and Equation 2, reducing the switching
frequency eases the minimum on time and off time limitations.
CURRENT-LIMIT SETTING
The ADP5050 has three selectable current-limit thresholds for
Channel 1 and Channel 2. Make sure that the selected current-
limit value is larger than the peak current of the inductor, IPEAK.
See Table 11 for the current-limit configuration for Channel 1
and Channel 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com