Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55231 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP55231 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 30Page - Texas Instruments LP55231 Datasheet HTML 31Page - Texas Instruments LP55231 Datasheet HTML 32Page - Texas Instruments LP55231 Datasheet HTML 33Page - Texas Instruments LP55231 Datasheet HTML 34Page - Texas Instruments LP55231 Datasheet HTML 35Page - Texas Instruments LP55231 Datasheet HTML 36Page - Texas Instruments LP55231 Datasheet HTML 37Page - Texas Instruments LP55231 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
LP55231
SNOSCR5 – MARCH 2013
www.ti.com
•
These bits are used for storing an 8-bit temperature reading acquired from the internal temperature sensor.
This register is a read-only register. Temperature reading is stored in 8-bit two's complement format — see
the table below.
TEMPERATURE READ bits
Temperature interpretation (typ.) °C
11010111
−41
11011000
−40
...
...
11111110
−2
11111111
−1
00000000
0
00000001
1
00000010
2
...
...
01011000
88
01011001
89
40 TEMPERATURE WRITE
•
40 — Bits [7:0] TEMPERATURE
•
These bits are used for storing an 8-bit temperature reading acquired from an external sensor, if such a
sensor is used. Temperature reading is stored in 8-bit two's complement format, like in 3F TEMPERATURE
READ register.
•
When writing temperature data outside the range of the temperature compensation: Values greater than 89°C
will be set to 89°C; values less than
−39°C will be set to −39°C.
41 LED TEST CONTROL
•
LED test control register
•
41 — Bit [7] EN_LEDTEST_ADC
•
Writing this bit high (1) fires single LED test conversion. LED test measurement cycle is 2.7 milliseconds.
•
41 — Bit [6] EN_LEDTEST_INT
•
1 = interrupt signal will be sent to the INT pin when the LED test is accomplished.
•
0 = no interrupt signal will be sent to the INT pin when the LED test is accomplished.
•
Interrupt can be cleared by reading STATUS/INTERRUPT register 3A.
•
41 — Bit [5] CONTINUOUS_CONV
•
1 = continuous LED test measurement. Not active in power-save mode.
•
0 = continuous conversion is disabled.
•
41 — Bits [4:0] LED__TEST_CTRL
•
These bits are used for choosing the LED driver output to be measured. VDD , INT-pin and charge-pump
output voltage can be measured, also.
LED_TEST_CTRL bits
Measurement
00000
D1
00001
D2
00010
D3
00011
D4
00100
D5
00101
D6
00110
D7
00111
D8
01000
D9
01001 to 01110
Reserved
01111
VOUT
34
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LP55231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com