Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55231 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP55231 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 24Page - Texas Instruments LP55231 Datasheet HTML 25Page - Texas Instruments LP55231 Datasheet HTML 26Page - Texas Instruments LP55231 Datasheet HTML 27Page - Texas Instruments LP55231 Datasheet HTML 28Page - Texas Instruments LP55231 Datasheet HTML 29Page - Texas Instruments LP55231 Datasheet HTML 30Page - Texas Instruments LP55231 Datasheet HTML 31Page - Texas Instruments LP55231 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
LP55231
SNOSCR5 – MARCH 2013
www.ti.com
Table 3. Control Register Map (continued)
Hex
Read/Writ
Default Value
Register Name
Bit(s)
Bit Mnemonic and Description
Address
e
After Reset
THRESHOLD
Threshold voltage (typ.).
00 – 400mV
[7:6]
R/W
00xxxxxx
01 – 300mV
10 – 200mV
11 – 100mV
ADAPTIVE_THRESH_EN
[5]
R/W
xx0xxxxx
Activates adaptive threshold.
76
GAIN CHANGE CTRL
TIMER
00 – 5ms
[4:3]
R/W
xxx00xxx
01 – 10 ms
10 – 50 ms
11 – Infinite
FORCE_1x
[2]
R/W
xxxxx0xx
Activates 1.5x to 1x timer.
Control Register Details
00 ENABLE/ ENGINE CONTROL1
•
00 - Bit [6] CHIP_EN
•
1 = internal startup sequence powers up all the needed internal blocks and the device enters normal mode.
•
0 = standby mode is entered. Control registers can still be written or read, excluding bits[5:0] in reg 00 (this
register), registers 16h to 1E (LED PWM registers) and 37h to 39h (program counters).
•
00 — Bits [5:4] ENGINE1_EXEC
•
Engine 1 program execution control. Execution register bits define how the program is executed. Program
start address can be programmed to Program Counter (PC) register 37H.
•
00 = hold: Hold causes the execution engine to finish the current instruction and then stop. Program counter
(PC) can be read or written only in this mode.
•
01 = step: Execute the instruction at the location pointed by the PC, increment the PC by one and then reset
ENG1_EXEC bits to 00 (i.e. enter hold).
•
10 = free run: Start program execution from the location pointed by the PC.
•
11 = execute once: Execute the instruction pointed by the current PC value and reset ENG1_EXEC to 00 (i.e.
enter hold). The difference between step and execute once is that execute once does not increment the PC.
•
00 — Bits [3:2] ENGINE2_EXEC
•
Engine 2 program execution control. Equivalent to above definition of control bits. Program start address can
be programmed to Program Counter (PC) register 38H.
•
00 — Bits [1:0] ENGINE3_EXEC
•
Engine 3 program execution control. Equivalent to engine 1 control bits. Program start address can be
programmed to Program Counter (PC) register 39H.
01 ENGINE CONTROL2
•
Operation modes are defined in this register.
•
Disabled: Engines can be configured to disabled mode each one separately.
•
Load program: Writing to program memory is allowed only when the engine is in load program operation
mode and engine busy bit (reg 3A) is not set. Serial bus master should check the busy bit before writing to
program memory or allow at least 1ms delay after entering to load mode before memory write, to ensure
initalization. All the three engines are in hold while one or more engines are in load program mode. PWM
values are frozen, also. Program execution continues when all the engines are out of load program mode.
Load program mode resets the program counter of the respective engine. Load program mode can be
entered from the disabled mode only. Entering load program mode from the run program mode is not allowed.
•
Run Program: Run program mode executes the instructions stored in the program memory. Execution
register (ENG1_EXEC etc.) bits define how the program is executed (hold, step, free run or execute once).
Program start address can be programmed to the Program Counter (PC) register. The Program Counter is
reset to zero when the PC’s upper limit value is reached.
28
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LP55231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com