Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55231 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP55231 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 26Page - Texas Instruments LP55231 Datasheet HTML 27Page - Texas Instruments LP55231 Datasheet HTML 28Page - Texas Instruments LP55231 Datasheet HTML 29Page - Texas Instruments LP55231 Datasheet HTML 30Page - Texas Instruments LP55231 Datasheet HTML 31Page - Texas Instruments LP55231 Datasheet HTML 32Page - Texas Instruments LP55231 Datasheet HTML 33Page - Texas Instruments LP55231 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
LP55231
SNOSCR5 – MARCH 2013
www.ti.com
•
00 = no master fader set, clears master fader set for D1. Default setting.
•
01 = MASTER FADER1 controls the D1 output.
•
10 = MASTER FADER2 controls the D1 output.
•
11 = MASTER FADER3 controls the D1 output.
•
The duty cycle on D1 output will be D1 PWM register value (address 16H) multiplied with the value in the
MASTER FADER register.
•
06 — Bit [5] LOG_EN
•
0 = linear adjustment.
•
1 = logarithmic adjustment.
•
This bit is effective for both the program execution engine control and direct PWM control.
•
06 — Bit [4:0] TEMP_COMP
•
The reference temperature is +25°C (i.e. the temperature at which the compensation has no effect) and the
correction factor (slope) can be set in 0.1% 1/°C steps to any value between
−1.5% 1/°C and +1.5% 1/°C,
with a default to 0.0% 1/°C.
TEMP_COMP bits
Correction factor [%]
00000
Not activated - default setting after reset.
11111
−1.5 1/°C
11110
−1.4 1/°C
...
...
10001
−0.1 1/°C
10000
0 1/°C
00001
+0.1 1/°C
...
...
01110
+1.4 1/°C
01111
+1.5 1/°C
The PWM duty cycle at temperature T (in centigrade) can be obtained as follows: PWMF = [PWMS - (25 - T) *
correction factor * PWMS] / 2, where PWMF is the final duty cycle at temperature T, PWMS is the set PWM duty
cycle (PWM duty cycle is set in registers 16H to 1EH) and the value of the correction factor is obtained from the
table above.
For example, if the set PWM duty cycle in register 16H is 90%, temperature T is
−10°C and the chosen
correction factor is +1.5% 1/°C, the final duty-cycle PWMF for D1 output will be [90% - (25°C − (−10°C) ) * 1.5%
1/°C * 90%]/2 = [90% - 35 * 0.015 * 90%]/2 = 21.4%. Default setting 00000 means that the temperature
compensation is non-active and the PWM output (0 to 100%) is set solely by PWM registers D1 PWM to D9
PWM.
07 D2 CONTROL to 0E D9 CONTROL
•
The control registers and control bits for D2 output to D9 output are similar to that given to D1, see the 06 –
Bit [5] and 06 – Bits [4:0] sections.
16 D1 PWM
•
This is the PWM duty cycle control for D1 output. D1 PWM register is effective during direct control operation
- direct PWM control is active after power up by default. Note: serial bus address auto increment is not
supported for register addresses from 16 to 1E.
•
16 — Bits [7:0] PWM
•
These bits set the D1 output PWM as shown in the figure below. Note: if the temperature compensation is
active, the maximum PWM duty cycle is 50% at +25°C. This is required to allow enough headroom for
temperature compensation over the temperature range
−30 °C to 90°C.
30
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LP55231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com