Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55231 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP55231 Datasheet(HTML) 40 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 36Page - Texas Instruments LP55231 Datasheet HTML 37Page - Texas Instruments LP55231 Datasheet HTML 38Page - Texas Instruments LP55231 Datasheet HTML 39Page - Texas Instruments LP55231 Datasheet HTML 40Page - Texas Instruments LP55231 Datasheet HTML 41Page - Texas Instruments LP55231 Datasheet HTML 42Page - Texas Instruments LP55231 Datasheet HTML 43Page - Texas Instruments LP55231 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
LP55231
SNOSCR5 – MARCH 2013
www.ti.com
Programming ramps with variables is very similar to programming ramps with numerical operands. The only
difference is that step time and number of increments are captured from variable registers, when the instruction
execution is started. If the variables are updated after starting the instruction execution, it will have no effect on
instruction execution. Again, at each ramp step the output is incremented/decremented by one unless increment
is 0. Time span for one step is defined with prescale and step time bits. Step time is defined with variable A, B, C
or D. Variables A, B and C are set with ld-instruction. Variable D is a global variable and can be set by writing the
VARIABLE register (address 3C). LED TEST ADC register (address 42) can be used as a source for the variable
D, as well. Note: Variable A is the only local variable which can be read throughout the serial bus. Of course, the
variable stored in 3CH can be read (and written), too.
Setting register 06H, 07H, or 08H bit LOG_EN high/low sets logarithmic (1) or linear ramp (0). By using the
logarithmic ramp setting the visual effect appears like a linear ramp, because the human eye behaves in a
logarithmic way.
Name
Value (d)
Description
0
Divides master clock (32.7 kHz) by 16 = 2048 Hz -> 0.488 ms cycle time
prescale
1
Divides master clock (32.7 kHz) by 512 = 64 Hz -> 15.625 ms cycle time
0
Increase PWM output
sign
1
Decrease PWM output
step time(1)
1 - 31
One ramp increment done in (step time) x (prescale).
# of
The number of increment/decrement cycles. Note: Value 0 takes the same time as increment by 1, but
0 - 255
increments(2)
it is the wait instruction.
One ramp increment done in (step time) x (prescale).
Step time is loaded with the value (5 LSB bits) of the variable defined below.
0 = local variable A
step time(3)
0 - 3
1 = local variable B
2 = global variable C
3 = register address 3CH variable D value, or register address 42H value.
The value of the variable should be from 00001b to 11111b (1d to 31d) for correct operation.
The number of increment/decrement cycles. Value is taken from variable defined below:
0 = local variable A
# of
0 - 3
1 = local variable B
increments(3)
2 = global variable C
3 = register address 3CH variable D value, or register address 42H value.
(1)
Valid for numerical operands.
(2)
Valid for numerical operands.
(3)
Valid for variables.
RAMP Instruction Application Example
Suppose that the LED dimming is controlled according to the linear scale and effective PWM value at the
moment t=0 is 140d (~55%,), as shown in the figure below, and we want to reach a PWM value of 148d (~58%)
at the moment t = 1.5s. The parameters for the RAMP instruction will be:
•
Prescale = 1
→ 15.625 ms cycle time
•
Step time = 12
→ step time span will be 12*15.625 ms = 187.5 ms
•
Sign = 0
→ increase PWM output
•
# of increments = 8
→ take 8 steps
40
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LP55231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com